Electronic Components Datasheet Search
  English  ▼

X  

LMZ31707 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31707
Description  7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ31707 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMZ31707 Datasheet HTML 9Page - Texas Instruments LMZ31707 Datasheet HTML 10Page - Texas Instruments LMZ31707 Datasheet HTML 11Page - Texas Instruments LMZ31707 Datasheet HTML 12Page - Texas Instruments LMZ31707 Datasheet HTML 13Page - Texas Instruments LMZ31707 Datasheet HTML 14Page - Texas Instruments LMZ31707 Datasheet HTML 15Page - Texas Instruments LMZ31707 Datasheet HTML 16Page - Texas Instruments LMZ31707 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LMZ31707
www.ti.com
SLVSBV7A – JUNE 2013 – REVISED AUGUST 2013
Table 6. Recommended Input/Output Capacitors(1)
CAPACITOR CHARACTERISTICS
WORKING
VENDOR
SERIES
PART NUMBER
CAPACITANCE
ESR (2)
VOLTAGE
(µF)
(m
Ω)
(V)
Murata
X5R
GRM32ER61E226K
25
22
2
TDK
X5R
C3225X5R0J107M
6.3
100
2
TDK
X5R
C3225X5R0J476K
6.3
47
2
Murata
X5R
GRM32ER60J107M
6.3
100
2
Murata
X5R
GRM32ER60J476M
6.3
47
2
Panasonic
EEH-ZA
EEH-ZA1E101XP
25
100
30
Sanyo
POSCAP
16TQC68M
16
68
50
Kemet
T520
T520V107M010ASE025
10
100
25
Sanyo
POSCAP
10TPE220ML
10
220
25
Sanyo
POSCAP
6TPE100MI
6.3
100
25
Sanyo
POSCAP
2R5TPE220M7
2.5
220
7
Kemet
T530
T530D227M006ATE006
6.3
220
6
Kemet
T530
T530D337M006ATE010
6.3
330
10
Sanyo
POSCAP
2TPF330M6
2.0
330
6
Sanyo
POSCAP
6TPE330MFL
6.3
330
15
(1)
Capacitor Supplier Verification, RoHS, Lead-free and Material Details
Consult capacitor suppliers regarding availability, material composition, RoHS and lead-free status, and manufacturing process
requirements for any capacitors identified in this table.
(2)
Maximum ESR @ 100kHz, 25°C.
Transient Response
Table 7. Output Voltage Transient Response
CIN1 = 3x 22 µF CERAMIC, CIN2 = 100 µF POLYMER-TANTALUM
VOLTAGE DEVIATION (mV)
RECOVERY TIME
VOUT (V)
VIN (V)
COUT1 Ceramic
COUT2 BULK
2 A LOAD STEP,
3.5 A LOAD STEP,
(µs)
(1 A/µs)
(1 A/µs)
5
500 µF
220 µF
30
45
90
0.6
12
500 µF
220 µF
30
45
90
300 µF
220 µF
40
65
95
5
300 µF
470 µF
35
60
95
0.9
300 µF
220 µF
35
60
95
12
300 µF
470 µF
30
55
95
200 µF
220 µF
50
85
100
5
200 µF
470 µF
45
75
100
1.2
200 µF
220 µF
45
80
100
12
200 µF
470 µF
40
70
100
200 µF
220 µF
70
105
110
5
200 µF
470 µF
65
90
110
1.8
200 µF
220 µF
65
100
120
12
200 µF
470 µF
60
90
120
5
100 µF
220 µF
105
177
130
3.3
12
100 µF
220 µF
115
190
150
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMZ31707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com