Electronic Components Datasheet Search
  English  ▼

X  

LMZ31707 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31707
Description  7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMZ31707 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMZ31707 Datasheet HTML 13Page - Texas Instruments LMZ31707 Datasheet HTML 14Page - Texas Instruments LMZ31707 Datasheet HTML 15Page - Texas Instruments LMZ31707 Datasheet HTML 16Page - Texas Instruments LMZ31707 Datasheet HTML 17Page - Texas Instruments LMZ31707 Datasheet HTML 18Page - Texas Instruments LMZ31707 Datasheet HTML 19Page - Texas Instruments LMZ31707 Datasheet HTML 20Page - Texas Instruments LMZ31707 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
PVIN
LMZ31707
VIN
VIN = 12V
VO = 1.8V
RT/CLK
RSET
22 F
220 F
100 F
330 F
715
PVIN
VIN
100 F
RT/CLK
Sync Freq
500KHz
LMZ31707
RRT
RRT
169k
169k
INH
Control
Voltage
Supervisor
5V
VOUT
SENSE+
PWRGD
CSS
AGND
PGND
STSEL
VOUT
SENSE+
PWRGD
CSH
100 F
100 F
SYNC_OUT
SYNC_OUT
AGND
PGND
STSEL
0.1 F
22 F
0.1 F
LMZ31707
www.ti.com
SLVSBV7A – JUNE 2013 – REVISED AUGUST 2013
Parallel Operation
Up to six LMZ31707 devices can be paralleled for increased output current. Multiple connections must be made
between the paralleled devices and the component selection is slightly different than for a stand-alone
LMZ31707 device. A typical LMZ31707 parallel schematic is shown in Figure 24. Refer to application note,
SNVA695 for information and design help when paralleling multiple LMZ31707 devices.
Figure 24. Typical LMZ31707 Parallel Schematic
Light Load Efficiency (LLE)
The LMZ31707 operates in pulse skip mode at light load currents to improve efficiency and decrease power
dissipation by reducing switching and gate drive losses.
These pulses may cause the output voltage to rise when there is no load to discharge the energy. For output
voltages < 1.5 V, a minimum load is required. The amount of required load can be determined by Equation 2. In
most cases the minimum current drawn by the load circuit will be enough to satisfy this load. Applications
requiring a load resistor to meet the minimum load, the added power dissipation will be
≤ 3.6 mW. A single 0402
size resistor across VOUT and PGND can be used.
(2)
When VOUT = 0.6 V and RSET = OPEN, the minimum load current is 600 µA.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMZ31707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com