Electronic Components Datasheet Search
  English  ▼

X  

MT46V64M4 Datasheet(PDF) 1 Page - Micron Technology

Part # MT46V64M4
Description  DOUBLE DATA RATE DDR SDRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V64M4 Datasheet(HTML) 1 Page - Micron Technology

  MT46V64M4 Datasheet HTML 1Page - Micron Technology MT46V64M4 Datasheet HTML 2Page - Micron Technology MT46V64M4 Datasheet HTML 3Page - Micron Technology MT46V64M4 Datasheet HTML 4Page - Micron Technology MT46V64M4 Datasheet HTML 5Page - Micron Technology MT46V64M4 Datasheet HTML 6Page - Micron Technology MT46V64M4 Datasheet HTML 7Page - Micron Technology MT46V64M4 Datasheet HTML 8Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
256Mb: x4, x8, x16 DDR333 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256Mx4x8x16DDR333_B.p65 – Rev. B; Pub. 10/01
©2001, Micron Technology, Inc.
256Mb: x4, x8, x16
DDR333 SDRAM Addendum
‡ PRODUCTS AND SPECIFICATIONS DISCUSSED HEREIN ARE FOR EVALUATION AND REFERENCE PURPOSES ONLY AND ARE SUBJECT TO CHANGE BY
MICRON WITHOUT NOTICE. PRODUCTS ARE ONLY WARRANTED BY MICRON TO MEET MICRON’S PRODUCTION AND DATA SHEET SPECIFICATIONS.
PRELIMINARY‡
Architecture
64 Meg x 4
32 Meg x 8
16 Meg x 16
Configuration
16 Meg x 4 x 4 banks 8 Meg x 8 x 4 banks 4 Meg x 16 x 4 banks
RefreshCount
8K
8K
8K
RowAddressing
8K (A0–A12)
8K (A0–A12)
8K (A0–A12)
BankAddressing
4(BA0,BA1)
4(BA0,BA1)
4(BA0,BA1)
ColumnAddressing
2K (A0–A9, A11)
1K (A0–A9)
512 (A0– A8)
DOUBLE DATA RATE
(DDR) SDRAM
MT46V64M4 – 16 Meg x 4 x 4 banks
MT46V32M8 – 8 Meg x 8 x 4 banks
MT46V16M16 – 4 Meg x 16 x 4 banks
For the latest data sheet revisions, please refer to the Micron
Web site: www.micron.com/dramds
FEATURES
• 167 MHz Clock, 333 Mb/s/p data rate
•VDD = +2.5V ±0.2V, VDDQ = +2.5V ±0.2V
• Bidirectional data strobe (DQS) transmitted/
received with data, i.e., source-synchronous data
capture (x16 has two - one per byte)
• Internal, pipelined double-data-rate (DDR)
architecture; two data accesses per clock cycle
• Differential clock inputs (CK and CK#)
• Commands entered on each positive CK edge
• DQS edge-aligned with data for READs; center-
aligned with data for WRITEs
• DLL to align DQ and DQS transitions with CK
• Four internal banks for concurrent operation
• Data mask (DM) for masking write data (x16 has
two - one per byte)
• Programmable burst lengths: 2, 4, or 8
• Concurrent Auto Precharge option supported
• Auto Refresh and Self Refresh Modes
• FBGA package available
• 2.5V I/O (SSTL_2 compatible)
• tRAS lockout (tRAP = tRCD)
• Backwards compatible with DDR200 and DDR266
OPTIONS
PART NUMBER
• Configuration
64 Meg x 4 (16 Meg x 4 x 4 banks)
64M4
32 Meg x 8 (8 Meg x 8 x 4 banks)
32M8
16 Meg x 16 (4 Meg x 16 x 4 banks)
16M16
• Plastic Package
66-Pin TSOP (OCPL)
T G
60-Ball FBGA (16x9mm)
FJ
• Timing - Cycle Time
6ns @ CL = 2.5 (DDR333B–FBGA)1
-6
6ns @ CL = 2.5 (DDR333B–TSOP)1
-6T
7.5ns @ CL = 2 (DDR266A)2
-75Z
• Self Refresh
Standard
none
NOTE: 1. Supports PC2700 modules with 2.5-3-3 timing
2. Supports PC2100 modules with 2-3-3 timing
CONFIGURATION
DDR333 COMPATIBILITY
DDR333 meets or surpasses all DDR266 timing re-
quirements thus assuring full backwards compatibility
with current DDR designs. In addition, these devices
support concurrent auto-precharge and tRAS lockout
for improved timing performance.
The 256Mb,
DDR333 device will support an (tREFI) average peri-
odic refresh interval of 7.8us.
The standard 66-pin TSOP package is offered for
point-to-point applications where the FBGA package
is intended for the multi-drop systems.
The Micron 256Mb data sheet provides full specifi-
cations and functionality unless specified herein.
KEY TIMING PARAMETERS3
SPEED
CLOCK RATE
DATA-OUT
ACCESS DQS-DQ
GRADE
CL = 21
CL = 2.51 WINDOW2 WINDOW
SKEW
-6
133 MHz
167 MHz
2.15ns
±0.70ns
+0.35ns
-6T
133 MHz
167 MHz
2.0ns
±0.75ns
+0.45ns
-75Z
133 MHz
133 MHz
2.5ns
±0.75ns
+0.50ns
NOTE:
1. CL = CAS (Read) Latency
2. With a 50/50 clock duty cycle and a minimum clock
rate @ CL = 2 ( -75Z) and CL = 2.5 (-6, -6T).
3. -75, -8 are also available; see base data sheet.


Similar Part No. - MT46V64M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4 Datasheet
3Mb / 93P
Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
4Mb / 91P
256Mb: x4, x8, x16 DDR SDRAM Features
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
Double Data Rate (DDR) SDRAM
More results

Similar Description - MT46V64M4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
DOUBLE DATA RATE DDR SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
DOUBLE DATA RATE (DDR) SDRAM
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
Double Data Rate (DDR) SDRAM
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
Double Data Rate (DDR) SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
Double Data Rate (DDR) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com