Electronic Components Datasheet Search
  English  ▼

X  

MT46V64M4 Datasheet(PDF) 3 Page - Micron Technology

Part # MT46V64M4
Description  DOUBLE DATA RATE DDR SDRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V64M4 Datasheet(HTML) 3 Page - Micron Technology

  MT46V64M4 Datasheet HTML 1Page - Micron Technology MT46V64M4 Datasheet HTML 2Page - Micron Technology MT46V64M4 Datasheet HTML 3Page - Micron Technology MT46V64M4 Datasheet HTML 4Page - Micron Technology MT46V64M4 Datasheet HTML 5Page - Micron Technology MT46V64M4 Datasheet HTML 6Page - Micron Technology MT46V64M4 Datasheet HTML 7Page - Micron Technology MT46V64M4 Datasheet HTML 8Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
256Mb: x4, x8, x16 DDR333 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256Mx4x8x16DDR333_B.p65 – Rev. B; Pub. 10/01
©2001, Micron Technology, Inc.
256Mb: x4, x8, x16
DDR333 SDRAM Addendum
PRELIMINARY
66-PIN TSOP PACKAGE PIN ASSIGMENT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
DNU
VREF
VSS
UDM
CK#
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
x16
VDD
DQ0
VDDQ
DQ1
DQ2
VssQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VssQ
DQ7
NC
VDD
Q
LDQS
NC
VDD
DNU
LDM
WE#
CAS#
RAS#
CS#
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
x16
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
NC
VSSQ
DQS
DNU
VREF
VSS
DM
CK#
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
x8
x4
VSS
NC
VSSQ
NC
DQ3
VDDQ
NC
NC
VSSQ
NC
DQ2
VDDQ
NC
NC
VSSQ
DQS
DNU
VREF
VSS
DM
CK#
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
NC
VDDQ
NC
NC
VDD
DNU
NC
WE#
CAS#
RAS#
CS#
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
x8
x4
VDD
NC
VDDQ
NC
DQ0
VSSQ
NC
NC
VDDQ
NC
DQ1
VSSQ
NC
NC
VDDQ
NC
NC
VDD
DNU
NC
WE#
CAS#
RAS#
CS#
NC
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
66-PIN TSOP PACKAGE DIMENSION
SEE DETAIL A
0.10
0.65 TYP
0.71
10.16 ±0.08
0.15
0.50 ±0.10
PIN #1 ID
DETAIL A
22.22 ± 0.08
0.32 ± .075 TYP
+0.03
-0.02
+0.10
-0.05
1.20 MAX
0.10
0.25
11.76 ±0.10
0.80 TYP
0.10 (2X)
GAGE PLANE
(TOP VIEW)
NOTE:
1. All dimensions in millimeters.
2. Package width and length do not include mold protrusion; allowable mold protrusion is 0.25mm
per side.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com