Electronic Components Datasheet Search
  English  ▼

X  

AS0260 Datasheet(PDF) 9 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 5Page - ON Semiconductor AS0260 Datasheet HTML 6Page - ON Semiconductor AS0260 Datasheet HTML 7Page - ON Semiconductor AS0260 Datasheet HTML 8Page - ON Semiconductor AS0260 Datasheet HTML 9Page - ON Semiconductor AS0260 Datasheet HTML 10Page - ON Semiconductor AS0260 Datasheet HTML 11Page - ON Semiconductor AS0260 Datasheet HTML 12Page - ON Semiconductor AS0260 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
9
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
1. AGND and DGND are not connected internally.
2. To be left floating if not using feature.
3. Must always be connected even when not using MIPI.
4. The VDD, REG_OUT, and REG_FB pins must be connected together and have a 0.1F
decoupling capacitor attached.
Table 1:
Pin Descriptions
Name
Type
Description
Note
EXTCLK
Input
Input clock signal.
RESET_BAR
Input/PU
Master reset signal, active LOW. This signal has an internal pull up.
SCLK
Input
Two-wire serial interface clock.
SDATA
I/O
Two-wire serial interface data.
SADDR
Input
Selects device address for the two-wire serial interface.
FRAME_VALID (FV)
Output
Identifies rows in the active image.
LINE_VALID (LV)
Output
Identifies pixels in the active line.
PIXCLK
Output
Pixel clock.
DOUT[7:0]
Output
DOUT[7:0] for 8-bit image data output or DOUT[9:2] for 10-bit image data
output.
CLK_N
Output
Differential MIPI clock (sub-LVDS, negative).
2
CLK_P
Output
Differential MIPI clock (sub-LVDS, positive).
2
DATA_N
Output
Differential MIPI data (sub-LVDS, negative).
2
DATA_P
Output
Differential MIPI data (sub-LVDS, positive).
2
DATA_2N
Output
Differential MIPI data (sub-LVDS, negative).
2
DATA_2P
Output
Differential MIPI data (sub-LVDS, positive).
2
CONFIG/GPIO1
Input/Output
If on power-up CONFIG =1 then the part shall go into streaming else the
system will go to suspend state waiting for host to update. This pin can
also be re-programmed to support multiple functions.
CHAIN/GPIO0
Input/Output
To synchronize a number of sensors together. This pin can also be re-
programmed to support multiple functions.
GPIO2
Input/Output
General purpose input/output.
SHUTDOWN
Input
Low power shutdown control, active HIGH.
TRST_BAR
Input
Must be tied to GND in normal operation.
VDD
Supply
Digital power. Must connect to REG_OUT and REG_FB.
4
DGND
Supply
Digital ground.
1
VDD_IO
Supply
I/O power supply.
VAA
Supply
Analog power.
VAA_PIX
Supply
Analog pixel power.
AGND
Supply
Analog ground.
1
VPP
Supply
OTPM programming.
REG_IN0
Supply
Digital power
REG_OUT
Supply
Digital power. Must connect to VDD and REG_FB.
4
REG_FB
Supply
Digital power. Must connect to VDD and REG_OUT.
4
VDD_PHY
Supply
I/O power supply for the MIPI interface.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com