Electronic Components Datasheet Search
  English  ▼

X  

AS0260 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 1 Page - ON Semiconductor

  AS0260 Datasheet HTML 1Page - ON Semiconductor AS0260 Datasheet HTML 2Page - ON Semiconductor AS0260 Datasheet HTML 3Page - ON Semiconductor AS0260 Datasheet HTML 4Page - ON Semiconductor AS0260 Datasheet HTML 5Page - ON Semiconductor AS0260 Datasheet HTML 6Page - ON Semiconductor AS0260 Datasheet HTML 7Page - ON Semiconductor AS0260 Datasheet HTML 8Page - ON Semiconductor AS0260 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
AS0260 DS Rev. G Pub. 5/15 EN
1
©Semiconductor Components Industries, LLC 2015,
1/6-Inch 1080P High-Definition (HD) System-On-
A-Chip (SOC) Digital Image Sensor
AS0260 Datasheet, Rev. G
For the latest datasheet, please visit www.onsemi.com
Features
• Superior low-light performance
• Ultra-low-power
• 1080p Full HD video at 30 fps
• Internal master clock generated by on-chip phase
locked loop (PLL) oscillator
• Electronic rolling shutter (ERS), progressive scan
• Integrated image flow processor (IFP) for single-die
camera module
• Automatic image correction and enhancement
• Arbitrary image scaling with anti-aliasing
• Two-wire serial interface providing access to
registers and microcontroller memory
• Selectable output data format: YCbCr, JPEG, MJPEG,
565RGB, 555RGB, 444RGB, processed Bayer, BT656,
RAW8, RAW8+2-bit, and M420
• Parallel and 1- or 2-lane MIPI data output
• Independently configurable gamma correction
• Adaptive polynomial lens shading correction
• UVC interface support
• Perspective correction
• Multi-camera synchronization
Applications
• Embedded tablet, notebook, and tethered PC
cameras
• Game consoles
• Cell phones, mobile devices
• Consumer video communications
General Description
The ON Semiconductor AS0260 is a 1/6-inch 2.0Mp
Full HD CMOS digital image sensor with an active-
pixel array of 1920H x 1080V. It includes sophisticated
camera functions such as auto exposure control, auto
white balance, black level control, flicker avoidance,
and defect correction. It is designed for low light per-
formance.The AS0260 produces extraordinarily clear,
sharp digital pictures, making it the perfect choice for
a wide range of applications, including PC and note-
book cameras, gaming systems, and mobile phones.
Notes: 1. Power consumption for typical voltages and full resolu-
tion output, no MJPEG.
Table 1:
Key Parameters
Parameter
Typical Value
Optical format
1/6-inch
Active pixels
1920 x 1080
Pixel size
1.4 m
Color filter array
RGB Bayer
Shutter type
Electronic rolling shutter (ERS)
Input clock range
6 – 54 MHz
Output pixel clock maximum
96 MHz
Output MIPI data rate
maximum
768 Mb/s per lane
Frame Rate
1080p (full
res)
30 fps
720p
60 fps
VGA
60 fps
QVGA
120 fps
Responsivity
0.64 V/lux-sec
SNRMAX
33 dB
Pixel dynamic range
65 dB
Supply voltage
Digital
1.7 – 1.95 V
Analog
2.5 – 3.1 V
I/O
1.7 – 1.95 V or 2.5 – 3.1 V
PHY
1.7 – 1.95 V
Power consumption1
255 mW
Operating temperature,
ambient
–30°C to +70° C
Chief ray angle
28°
Package options
CSP, Bare die


Similar Part No. - AS0260

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS02008MO-R PUIAUDIO-AS02008MO-R Datasheet
449Kb / 5P
IP65-rated design for protection against dust and water
AS02008MR-5-R PUIAUDIO-AS02008MR-5-R Datasheet
351Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
AS02008MR-LW152-R PUIAUDIO-AS02008MR-LW152-R Datasheet
274Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS02008MR-R PUI-AS02008MR-R Datasheet
230Kb / 1P
Speaker
logo
PUI audio inc.
AS02008MR-R PUIAUDIO-AS02008MR-R Datasheet
334Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AS0260

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0141 ONSEMI-AR0141 Datasheet
1Mb / 63P
Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
Digital Image Sensor
Rev. J Pub. 4/15 EN
MT9M131 ONSEMI-MT9M131 Datasheet
1Mb / 69P
CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
CMOS Digital Image Sensor
Rev. L 4/15 EN
MT9P111 ONSEMI-MT9P111 Datasheet
1Mb / 67P
Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com