Electronic Components Datasheet Search
  English  ▼

X  

FCDN614 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FCDN614
Description  1-Channel ESD Protector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCDN614 Datasheet(HTML) 3 Page - ON Semiconductor

  FCDN614 Datasheet HTML 1Page - ON Semiconductor FCDN614 Datasheet HTML 2Page - ON Semiconductor FCDN614 Datasheet HTML 3Page - ON Semiconductor FCDN614 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FCDN614−UBM
http://onsemi.com
3
SPECIFICATIONS (Cont’d)
Table 5. ELECTRICAL CHARACTERISTICS (Note 1)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ILEAK
Leakage Current
V = ±4 V, 150°C (Note 2)
V = ±4 V, 25°C (VL1±)
V = +10 V, 25°C (VL2+)
4.0
0.3 (IL1±)
0.5 (IL2+)
mA
mA
mA
VCL
Signal Clamp Voltage
Positive Polarity on Signal Node (VCL+)
Negative Polarity on Signal Node (VCL−)
TA = 25°C
at 10 mA (ICL+)
at −10 mA (ICL−)
+10.5
−9.0
+12.0
−7.0
+15.0
−5.0
V
VESD
ESD Protection − Withstand Voltage:
Human Body Model
(MIL−STD−883, Method 3015)
TA = 25°C
(Note 2)
±8
kV
VCL_ESD Clamping Voltage during Transient Events on
Signal Node
IPP = 1 A, tP = 8/20 ms
Positive Transients
Negative Transients
(Note 2)
+22
−15
V
CIN
Input Capacitance
At 1 MHz, 30 mV osc.
Level, 0 VDC Bias
At 1 MHz, 30 mV osc.
Level, 3 VDC Bias
(Note 2)
4.7
3.0
pF
1. Operating characteristics are over standard operating conditions unless otherwise specified.
2. This parameter is guaranteed by design and/or characterization.
MECHANICAL DETAILS
Table 6. MECHANICAL SPECIFICATIONS
Parameter
Condition
Units
Composition
Silicon Wafer,
p+ Doped
Die Shape
Square
Length (Stepping Size)
240
mm
Width (Stepping Size)
240
mm
Thickness
4
mils
Saw Street Widths (Space
between Devices on Wafer)
(Note 1)
70 (X−Direction)
70 (Y−Direction)
mm
Top Pad Length
125
mm
Top Pad Width
125
mm
Top Pad Composition
Al (Aluminum)
Back Metal (Underside)
Bare Silicon
Die (Stepping Size)
240
mm
Passivation Opening
70
mm
Active Size
160
mm
Active to PA Opening
5
mm
1. The saw street is defined as the passivation−free area between
devices.
Figure 3. Package Dimensions
Top Pad Opening:
125 mm x 125 mm
Stepping Size:
240 mm x 240 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com