Electronic Components Datasheet Search
  English  ▼

X  

52149 Datasheet(PDF) 1 Page - Micropac Industries

Part # 52149
Description  NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

52149 Datasheet(HTML) 1 Page - Micropac Industries

  52149 Datasheet HTML 1Page - Micropac Industries 52149 Datasheet HTML 2Page - Micropac Industries 52149 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/12/01
1
52149/52174
NEGATIVE ADJUSTABLE 5-AMP
79HG REPLACEMENT
VOLTAGE REGULATOR
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
•
Replacement for 79HG
•
5.0A Output Current
•
Internal Current And Thermal Overload Protection
•
Internal Short Circuit Current Limit
•
Low Drop-Out Voltage (Typically -2.2 V @ 5.0 A)
•
50W Power Dissipation
•
Electrically Isolated Case
•
Steel TO-3 Case
Applications:
•
Designed for use in general purpose applications
where adjustability is advantageous.
•
Military and Hi Rel Industrial applications where
hermeticity is required.
ORDER INFORMATION
52149
Standard
52174
MIL-STD-883 Screened
DESCRIPTION
The 52149/52174, which is a replacement for the 79HG, is an adjustable 4-terminal voltage regulator capable of supplying in
excess of 5 A over a –24 V to -2.55 V output range. This Hybrid Voltage Regulator has been designed with all the inherent
characteristics of the monolithic 4-terminal regulator; i.e., full thermal overload and short circuit protection. It is packaged in a
hermetically sealed 4-pin, TO-3 package providing 50W power dissipation. The regulator consists of a monolithic chip
driving a discrete series-pass element and short circuit detection transistors.
ABSOLUTE MAXIMUM RATINGS
Input Voltage.........................................................................................................................................................................-35 V
Internal Power Dissipation @Tc = 25°C ...............................................................................................................................50W
Maximum Input-to-Output Voltage Differential......................................................................................................................35 V
Operating Junction Temperature ....................................................................................................................................... 150°C
Storage Temperature Range..............................................................................................................................-55°C to +150°C
Pin Temperature (Soldering, 60 seconds) ......................................................................................................................... 300°C
Commercial Temperature Range 52149 ..............................................................................................................0°C to +125°C
Military Temperature Range 52174....................................................................................................................-55°C to +125°C


Similar Part No. - 52149

ManufacturerPart #DatasheetDescription
logo
3M Electronics
5214 3M-5214 Datasheet
38Kb / 2P
DIP Clips for 8-14-16-20-24-40 Pin Clips And 8 Through 40 Pin DIP Removers
14-Aug-2016
logo
Carclo Technical Plasti...
5214 COIL-5214 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Alpha Wire
5214-25C ALPHAWIRE-5214-25C Datasheet
412Kb / 4P
22 (7/30) AWG Tinned Copper
logo
Hutchinson Paulstra
521401 PAULSTRA-521401 Datasheet
190Kb / 4P
RADIAFLEX
521403 PAULSTRA-521403 Datasheet
190Kb / 4P
RADIAFLEX
More results

Similar Description - 52149

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137MAHVH SEME-LAB-IP137MAHVH Datasheet
17Kb / 2P
0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A Datasheet
110Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
OM7612ST ETC-OM7612ST Datasheet
35Kb / 4P
1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
79HG ETC1-79HG Datasheet
242Kb / 2P
NEGATIVE 5 AMP VOLTAGE REGULATOR
logo
Sensitron
SHD526060 SENSITRON-SHD526060 Datasheet
44Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Semtech Corporation
LAS79HG SEMTECH-LAS79HG Datasheet
262Kb / 5P
5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Sensitron
SHD526040 SENSITRON-SHD526040 Datasheet
46Kb / 2P
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
logo
Microsemi Corporation
SG137A MICROSEMI-SG137A_1 Datasheet
323Kb / 6P
1.5 AMP NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com