Electronic Components Datasheet Search
  English  ▼

X  

52149 Datasheet(PDF) 3 Page - Micropac Industries

Part # 52149
Description  NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

52149 Datasheet(HTML) 3 Page - Micropac Industries

  52149 Datasheet HTML 1Page - Micropac Industries 52149 Datasheet HTML 2Page - Micropac Industries 52149 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/12/01
3
52149/52174
NEGATIVE ADJUSTABLE 5-AMP, VOLTAGE REGULATOR
Mechanical Configuration
Note: All Dimension in notes and Millimeters (parenthesis)
R .177 (4.5)
PIN 3
54°
12°
PIN 4
PIN 2
PIN 1
0.47 (11.34)
DIA. PIN CIRCLE
.440 (11.16)
.420 (10.57)
.205 (5.21)
.225 (5.71)
1.177 (29.30)
1.197 (30.40)
.675 (17.14)
.655 (16.64)
Ø.151 (3.84)
Ø.161 (4.09)
2 HOLES
.041 (1.04)
.037 (0.94)
DIA.
.067 (1.70)
MAX.
SEATING PLANE
.421 (10.69)
MIN.
.293 (7.44)
.273 (6.90)
1.551 (39.40)
1.531 (38.19)
MAX.
.770 (19.56)
R1
R2
4
3
2
1
C >1.0uF
L
IN
V
C =2uF
IN
SOLID
TANTALUM
OUT
V
+
+
OUT
V
=VCONT
R1+R2
R2
Basic Test Circuit Adjustable Output Voltage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com