Electronic Components Datasheet Search
  English  ▼

X  

52421 Datasheet(PDF) 1 Page - Micropac Industries

Part # 52421
Description  SOLID STATE THERMOSTAT CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

52421 Datasheet(HTML) 1 Page - Micropac Industries

  52421 Datasheet HTML 1Page - Micropac Industries 52421 Datasheet HTML 2Page - Micropac Industries 52421 Datasheet HTML 3Page - Micropac Industries 52421 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/18/01
52421
SOLID STATE THERMOSTAT CONTROLLER
Space Application Series...
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
•
Operates With RTD Temperature Sensor
•
Output Is Either “ON” Or “OFF”
•
Standard And Custom Factory Settings Of:
- Resistance Control Set Points (Temperatures),
- Hysteresis, (Minimum/Maximum) And
- Timing (On/Off Delays)
-
Test (Load Power On/Off) Capability
•
Optional Mounting Configurations Available
Applications:
Meets The Demanding Requirements Of Space
Platform Environments, Where Precise
Temperature Control Is Required.
DESCRIPTION
Micropac’s Space level Thermostat Controller 52421 operates with external RTD (Resistance Temperature Device)
temperature sensor and provides a power switched (On / Off) output within a temperature window. The RTD sensor is
conditioned then controls a high-side MOSFET power switch for an external HEATER.
Models are available with dual channels providing either “OR” or “AND” configurations.
Wired combinations of the “OR” configuration device, along with a single channel device, provides a tri-redundancy
control system which guarantees both the power ON and power OFF states of the Heater
ABSOLUTE MAXIMUM RATINGS
Operating Temperature (TA) ........................................................................................................................ -55°C to +125°C
Storage Temperature (TSTG) ....................................................................................................................... -65°C to +165°C
Maximum Steady State VIN ..............................................................................................................................+132 Volts DC
Peak Transient Input VIN(T) ...........................................................................................................+180 Volts DC for 5 Secs.
Steady State Load Current…(Source or Sink)......................................................................................................1.1Amps.
APPLICABLE QUALITY STANDARDS OF MICROPAC INDUSTRIES, INC.
•
MIL-PRF-38534 Class H and Class K Qualified.
•
MIL-PRF-19500 JAN S Qualified.
•
MIL-STD-883 Test Methods and Procedures
•
ISO 9001 Quality Standard


Similar Part No. - 52421

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
52421-1 MACOM-52421-1 Datasheet
54Kb / 1P
TERMINAL, PIDG, SPRING SPADE, WIRE SIZE: 16-14
logo
TE Connectivity Ltd
52421-1 TEC-52421-1 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
logo
Festo Corporation.
5242196 FESTO-5242196 Datasheet
99Kb / 2P
Servo motor
5242196 FESTO-5242196 Datasheet
76Kb / 2P
Servo motor
5242197 FESTO-5242197 Datasheet
100Kb / 2P
Servo motor
More results

Similar Description - 52421

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX9691A MCNIX-MX9691A Datasheet
161Kb / 36P
SINGLE CHIP SOLID STATE DISK CONTROLLER
MX9691L MCNIX-MX9691L Datasheet
194Kb / 41P
SINGLE CHIP SOLID STATE DISK CONTROLLER
logo
Micropac Industries
53225 MICROPAC-53225 Datasheet
116Kb / 5P
SOLID-STATE POWER CONTROLLER (SSPC)
53248-102 MICROPAC-53248-102 Datasheet
145Kb / 6P
28 VDC SOLID STATE POWER CONTROLLER
logo
ELM Electronics
ELM331 ELM-ELM331 Datasheet
28Kb / 4P
Solid State Thermostat
logo
Sensitron
SPD-7D28 SENSITRON-SPD-7D28 Datasheet
85Kb / 4P
Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
DC Solid State Power Controller Module
logo
Micropac Industries
53502 MICROPAC-53502 Datasheet
203Kb / 9P
LATCHING SOLID STATE POWER CONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com