Electronic Components Datasheet Search
  English  ▼

X  

52421 Datasheet(PDF) 3 Page - Micropac Industries

Part # 52421
Description  SOLID STATE THERMOSTAT CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

52421 Datasheet(HTML) 3 Page - Micropac Industries

  52421 Datasheet HTML 1Page - Micropac Industries 52421 Datasheet HTML 2Page - Micropac Industries 52421 Datasheet HTML 3Page - Micropac Industries 52421 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
12/18/01
52421
SOLID STATE THERMOSTAT CONTROLLER
DUAL CHANNEL TERMINAL NUMBER DESCRIPTION
TERMINAL
REF
DESCRIPTION
1
Vin
Positive power supply voltage
2
AGND
Power return for all function
3
+H
Current source for Heater (High Side)
4
-H
Current return for Heater
5
RTD1-H
Current source for RTD #1
6
RTD1-L
Current return RTD #1
7
RTD1-S
for RTD #1 Shield to case
8
ST1
Self Test #1, “ON”
9
ST1 Return
Self test #1 Common
TYPICAL PRESET “RTD” PROFILES AVAILABLE
P/N TBD
P/N TBD
P/N TBD
P/N TBD
P/N TBD
Ton
-80°F
-70°F
-60°F
-50°F
-42°F
Toff
-73°F
-63°F
-53°F
-43°F
-35°F
P/N TBD
P/N TBD
P/N TBD
P/N TBD
Ton
-28
°F-10°F0°F23°F
Toff
-21
°F-3°F7°F30°F
RTD SENSORS NOT PROVIDED BY Micropac Industries, Inc.
The above preset thresholds and switching levels are based on the use of standard 1000 ohm RTDs.
Example: IEC-751, 1000 ohms at 0
°C (ice point), resistance curve with an alpha of 0.003891 and with
an error not to exceed 0.75
°F.
Package Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com