Electronic Components Datasheet Search
  English  ▼

X  

PE44498 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44498
Description  QMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44498 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44498 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44498 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44498 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Connector
Type
QMA Male
Mating Cycles
100
Contact Material and Plating
Brass, Gold
Contact Plating Specification
6µ in. minimum
Outer Conductor Material and Plating
Spring Bronze, Tri-Metal
Body Material and Plating
Brass, Gold
Body Plating Specification
6µ in. minimum
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
QMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: QMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44498
URL: http://www.pasternack.com/qma-male-standard-pe-sr402al-pe-sr402fl-rg402-connector-pe44498-p.aspx
QMA Male Right Angle Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, RG402
PE44498
PE44498 REV 01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com