Electronic Components Datasheet Search
  English  ▼

X  

PE44498 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44498
Description  QMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44498 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44498 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44498 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44498 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
QMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
Configuration
Connector
QMA Male
Connector Interface Type
PE-SR402AL,PE-SR402FL,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Frequency 1
Frequency, GHz
DC to 3
Return Loss, dB
32
Insertion Loss, dB
0.087
Frequency 2
Frequency, GHz
3 to 4
Return Loss, dB
28
Insertion Loss, dB
0.1
Frequency 3
Frequency, GHz
4 to 6
Return Loss, dB
25
Insertion Loss, dB
0.12
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Storage Range, deg C
-40 to +85
Size
Length, in [mm]
0.713 [18.11]
Width/Dia., in [mm]
0.413 [10.49]
Height, in [mm]
0.496 [12.6]
.
Weight, lbs [g]
0.006 [2.72]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: QMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL,
RG402 PE44498
PE44498
PE44498 REV 01
QMA Male Right Angle Connector Solder Attachment
For PE-SR402AL, PE-SR402FL, RG402


Similar Part No. - PE44498

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE4449 PASTERNACK-PE4449 Datasheet
321Kb / 3P
TNC Male Connector Clamp/Solder Attachment
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44491 PASTERNACK-PE44491 Datasheet
231Kb / 3P
Mini SMP Female Connector Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
PE44492 PASTERNACK-PE44492 Datasheet
239Kb / 3P
Mini SMP Female Connector Solder Attachment
More results

Similar Description - PE44498

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4092 PASTERNACK-PE4092 Datasheet
288Kb / 2P
BNC Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4650 PASTERNACK-PE4650 Datasheet
229Kb / 3P
BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4936 PASTERNACK-PE4936 Datasheet
216Kb / 2P
N Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4987 PASTERNACK-PE4987 Datasheet
221Kb / 3P
2.92mm Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44496 PASTERNACK-PE44496 Datasheet
381Kb / 3P
QMA Male Connector Solder Attachment for PE-SR402AL, PE-SR402FL, RG402
PE44599 PASTERNACK-PE44599 Datasheet
215Kb / 2P
QN Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE44604 PASTERNACK-PE44604 Datasheet
226Kb / 3P
QN Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4790 PASTERNACK-PE4790 Datasheet
227Kb / 3P
RP SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com