Electronic Components Datasheet Search
  English  ▼

X  

PE44969 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44969
Description  Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44969 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44969 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44969 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44969 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB PE44969
URL: http://www.pasternack.com/mini-smp-male-full-detent-edge-launch-pcb-connector-pe44969-p.aspx
PE44969
PE44969 REV 1.1
Mini SMP Male Precision Full Detent Connector
Solder Attachment Edge Launch PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com