Electronic Components Datasheet Search
  English  ▼

X  

PE44969 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44969
Description  Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44969 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44969 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44969 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44969 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
Mini SMP Male, Full Detent
Connector Specification
MIL-STD-348A
Connector Interface Type
Edge Launch
Attachment Method (Shield/Contact)
Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 65 GHz
Impedance
50 Ohms
Maximum VSWR
1.22:1
Frequency 1
Frequency
DC to 30 GHz
VSWR
1.1:1
Frequency 2
Frequency
30 to 45 GHz
VSWR
1.15:1
Frequency 3
Frequency
45 to 65 GHz
VSWR
1.22:1
Mechanical Specifications
Temperature
Operating Range
-55 to +125 deg C
Size
Length
0.23 in [5.84 mm]
Width/Dia.
0.176 in [4.47 mm]
Height
0.138 in [3.51 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
Mini SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB
PE44969
PE44969
PE44969 REV 1.1
Mini SMP Male Precision Full Detent Connector
Solder Attachment Edge Launch PCB


Similar Part No. - PE44969

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4496 PASTERNACK-PE4496 Datasheet
109Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG8 &RG213
PE44960 PASTERNACK-PE44960 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .145 inch Pin Length
PE44961 PASTERNACK-PE44961 Datasheet
380Kb / 3P
SMP Male Bulkhead Mount Smooth Bore Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44962 PASTERNACK-PE44962 Datasheet
384Kb / 3P
SMP Male Bulkhead Mount Full Detent Connector Solder Attachment for RG405, PE-SR405FL Catchers Mitt
PE44963 PASTERNACK-PE44963 Datasheet
374Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thread- In Mount Pin Terminal .065 inch Pin Length Pre-Tinned
More results

Similar Description - PE44969

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44968 PASTERNACK-PE44968 Datasheet
373Kb / 3P
Mini SMP Male Right Angle Full Detent Connector Solder Attachment Surface Mount PCB
PE44970 PASTERNACK-PE44970 Datasheet
370Kb / 3P
Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44934 PASTERNACK-PE44934 Datasheet
381Kb / 3P
SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB
PE44937 PASTERNACK-PE44937 Datasheet
373Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE44955 PASTERNACK-PE44955 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Edge Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com