Electronic Components Datasheet Search
  English  ▼

X  

PE44970 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44970
Description  Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44970 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44970 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44970 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44970 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile PE44970
URL: http://www.pasternack.com/mini-smp-male-standard-thru-hole-pcb-connector-pe44970-p.aspx
Mini SMP Male Full Detent Connector Solder
Attachment Thru Hole PCB Low Profile
PE44970
PE44970 REV 1.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com