Electronic Components Datasheet Search
  English  ▼

X  

PE44970 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44970
Description  Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44970 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44970 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44970 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44970 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
Mini SMP Male, Full Detent
Connector Interface Type
Thru Hole
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance
50 Ohms
Mechanical Specifications
Size
Length
0.191 in [4.85 mm]
Width/Dia.
0.166 in [4.22 mm]
.
Weight
0.082 lbs [37.19 g]
Connector
Type
Mini SMP Male
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Beryllium Copper, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Torlon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Mini SMP Male Full Detent Connector Solder Attachment Thru Hole PCB Low Profile PE44970
PE44970
PE44970 REV 1.0
Mini SMP Male Full Detent Connector Solder
Attachment Thru Hole PCB Low Profile


Similar Part No. - PE44970

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4497 PASTERNACK-PE4497 Datasheet
112Kb / 1P
SHV PLUG CRIMP ATTACHMENT FOR RG55 RG142 RG223 &RG400
PE44971 PASTERNACK-PE44971 Datasheet
376Kb / 3P
Mini SMP Female Connector Solder Attachment for PE-047SR, PE-SR047FL
PE44972 PASTERNACK-PE44972 Datasheet
375Kb / 3P
Mini SMP Female Right Angle Connector Solder Attachment for RG405, PE-SR405FL
PE44973 PASTERNACK-PE44973 Datasheet
363Kb / 3P
Mini SMP Male Full Detent Hermetically Sealed Connector Solder Attachment Solder Mount Pin Terminal .050 inch Pin Length Full Radius
PE44974 PASTERNACK-PE44974 Datasheet
364Kb / 3P
Mini SMP Female Connector Solder Attachment for RG405, PE-SR405FL
More results

Similar Description - PE44970

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44775 PASTERNACK-PE44775 Datasheet
258Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB, Round Body, Up To 8 GHz
PE44968 PASTERNACK-PE44968 Datasheet
373Kb / 3P
Mini SMP Male Right Angle Full Detent Connector Solder Attachment Surface Mount PCB
PE44969 PASTERNACK-PE44969 Datasheet
380Kb / 3P
Mini SMP Male Precision Full Detent Connector Solder Attachment Edge Launch PCB
PE44934 PASTERNACK-PE44934 Datasheet
381Kb / 3P
SMP Male Right Angle Full Detent Connector Solder Attachment Thru Hole PCB
PE44937 PASTERNACK-PE44937 Datasheet
373Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44955 PASTERNACK-PE44955 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Edge Launch PCB
PE44957 PASTERNACK-PE44957 Datasheet
377Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .140 inch Pin Length
PE44959 PASTERNACK-PE44959 Datasheet
376Kb / 3P
SMP Male Limited Detent Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44960 PASTERNACK-PE44960 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment Thru Hole PCB .145 inch Pin Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com