Electronic Components Datasheet Search
  English  ▼

X  

PE45036 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45036
Description  N Female Connector Clamp - Non-Solder Contact Attachment for 7/8 inch annular
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45036 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45036 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45036 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45036 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch annular from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch annular PE45036
URL: http://www.pasternack.com/n-female-standard-standard-7-8-inch-annular-connector-pe45036-p.aspx
PE45036
PE45036 REV 1.0
N Female Connector Clamp/Non-Solder Contact
Attachment for 7/8 inch annular



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com