Electronic Components Datasheet Search
  English  ▼

X  

PE45036 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE45036
Description  N Female Connector Clamp - Non-Solder Contact Attachment for 7/8 inch annular
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45036 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE45036 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45036 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45036 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Female
Connector Interface Type
7/8 inch annular
Attachment Method (Shield/Contact)
Clamp/Non-Solder Contact
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.1:1
Maximum Insertion Loss
0.05 dB
Maximum Operating Voltage
2,500 Volts
Maximum Passive Intermodulation (2 x 20 Watts)
-160 dBc
Mechanical Specifications
Temperature
Operating Range
-40 to +85 deg C
Size
Length
2.51 in [63.75 mm]
Width/Dia.
1.4 in [35.56 mm]
.
Connector
Type
N Female
Contact Material and Plating
Copper, Silver
Outer Conductor Material and Plating
Brass, Tri-Metal
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
TPX
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch annular PE45036
PE45036
PE45036 REV 1.0
N Female Connector Clamp/Non-Solder Contact
Attachment for 7/8 inch annular


Similar Part No. - PE45036

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4503 PASTERNACK-PE4503 Datasheet
217Kb / 3P
75 Ohm N Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4503 PASTERNACK-PE4503 Datasheet
324Kb / 3P
75 Ohm N Female Connector Solder Attachment
PE45030 PASTERNACK-PE45030 Datasheet
412Kb / 2P
SMA Female Connector Solder Attachment for PE-047SR
PE45032 PASTERNACK-PE45032 Datasheet
392Kb / 3P
10-32 Male Right Angle Connector Crimp - Solder Attachment for RG316-DS, RG188-DS
PE45035 PASTERNACK-PE45035 Datasheet
358Kb / 2P
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup with -4 Clearance Mounting Holes
More results

Similar Description - PE45036

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44556 PASTERNACK-PE44556 Datasheet
343Kb / 2P
N Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44565 PASTERNACK-PE44565 Datasheet
302Kb / 2P
N Female Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44566 PASTERNACK-PE44566 Datasheet
330Kb / 2P
N Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44571 PASTERNACK-PE44571 Datasheet
369Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44568 PASTERNACK-PE44568 Datasheet
215Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44976 PASTERNACK-PE44976 Datasheet
274Kb / 3P
N Male Connector Clamp Attachment For 7 - 8 inch Annular, 7/8 inch Helical, 7/8 inch Superflexible, 7/8 inch Flexible
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE45203 PASTERNACK-PE45203 Datasheet
384Kb / 3P
N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch Helical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com