Electronic Components Datasheet Search
  English  ▼

X  

TPS65279DAPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279DAPR
Description  TPS65279 4.5- to 18-V Input, 5-A/5-A Dual Synchronous Step-Down Converter With Current Sharing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279DAPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS65279DAPR Datasheet HTML 1Page - Texas Instruments TPS65279DAPR Datasheet HTML 2Page - Texas Instruments TPS65279DAPR Datasheet HTML 3Page - Texas Instruments TPS65279DAPR Datasheet HTML 4Page - Texas Instruments TPS65279DAPR Datasheet HTML 5Page - Texas Instruments TPS65279DAPR Datasheet HTML 6Page - Texas Instruments TPS65279DAPR Datasheet HTML 7Page - Texas Instruments TPS65279DAPR Datasheet HTML 8Page - Texas Instruments TPS65279DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TPS65279
SLVSC85C – AUGUST 2013 – REVISED MAY 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 12
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 15
2
Applications ........................................................... 1
9
Application and Implementation ........................ 16
3
Description ............................................................. 1
9.1
Application Information............................................ 16
4
Revision History..................................................... 2
9.2
Typical Applications ................................................ 16
5
Description (continued)......................................... 3
10
Power Supply Recommendations ..................... 26
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 27
7
Specifications......................................................... 5
11.1
Layout Guidelines ................................................. 27
7.1
Absolute Maximum Ratings ...................................... 5
11.2
Layout Example .................................................... 27
7.2
ESD Ratings.............................................................. 5
12
Device and Documentation Support ................. 28
7.3
Recommended Operating Conditions ....................... 5
12.1
Community Resources.......................................... 28
7.4
Thermal Information .................................................. 5
12.2
Trademarks ........................................................... 28
7.5
Electrical Characteristics........................................... 6
12.3
Electrostatic Discharge Caution ............................ 28
7.6
Typical Characteristics .............................................. 8
12.4
Glossary ................................................................ 28
8
Detailed Description ............................................ 11
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 11
Information ........................................................... 28
8.2
Functional Block Diagram ....................................... 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (December 2013) to Revision C
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
•
Updated conditions for Electrical Characteristics from TJ = 25°C to TJ = –40°C to 125°C .................................................... 6
•
Updated UVLO minimum for falling VIN to 3.4 from 3.5 ........................................................................................................ 6
•
Updated enable threshold rising maximum to 1.3 and falling minimum to 1.0, from 1.26 and 1.10, respectively ................. 6
Changes from Revision A (December 2013) to Revision B
Page
•
Changed ILIMIT2 test conditions................................................................................................................................................ 6
•
Changed Functional Block Diagram ..................................................................................................................................... 12
•
Changed Current Sharing Operation section ....................................................................................................................... 15
•
Changed Loop Compensation section ................................................................................................................................. 20
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS65279



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com