Electronic Components Datasheet Search
  English  ▼

X  

TPS65279DAPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65279DAPR
Description  TPS65279 4.5- to 18-V Input, 5-A/5-A Dual Synchronous Step-Down Converter With Current Sharing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65279DAPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65279DAPR Datasheet HTML 17Page - Texas Instruments TPS65279DAPR Datasheet HTML 18Page - Texas Instruments TPS65279DAPR Datasheet HTML 19Page - Texas Instruments TPS65279DAPR Datasheet HTML 20Page - Texas Instruments TPS65279DAPR Datasheet HTML 21Page - Texas Instruments TPS65279DAPR Datasheet HTML 22Page - Texas Instruments TPS65279DAPR Datasheet HTML 23Page - Texas Instruments TPS65279DAPR Datasheet HTML 24Page - Texas Instruments TPS65279DAPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Current Sense
I/V Converter
V
V
ref
6
.
0
L
i
ESR
R
1
R
2
R
c
R
o
C
c
C
b
C
L
R
µS
g
M
1350
COMP
VFB
EA
1
C
VOUT
V
A
g
mps
/
10
=
=
=
ESR
b
C
R
Co
C
R
´
=
L
C
C
R
Co
C
R
´
=
P
O
L
1
(ƒ
)
C
R
2
=
´
´
p
c
O
O
C
M
ps
2
ƒ
V
C
R
g
Vref
gm
p ´
´
´
=
´
´
TPS65279
www.ti.com
SLVSC85C – AUGUST 2013 – REVISED MAY 2015
2. Set up cross over frequency, ƒc, which is typically between 1/5 and 1/20 of ƒsw.
3. RC can be determined by:
where
•
gM is the error amplifier gain (1350 μA/V).
•
gmps is the power stage voltage to current conversion gain (10 A/V).
4. Calculate CC by placing a compensation zero at or before the dominant pole:
(17)
(18)
5. Optional Cb can be used to cancel the zero from the ESR associated with CO.
(19)
Figure 23. DC/DC Loop Compensation
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS65279



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com