Electronic Components Datasheet Search
  English  ▼

X  

TPS76901-HT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901-HT
Description  ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901-HT Datasheet(HTML) 4 Page - Texas Instruments

  TPS76901-HT Datasheet HTML 1Page - Texas Instruments TPS76901-HT Datasheet HTML 2Page - Texas Instruments TPS76901-HT Datasheet HTML 3Page - Texas Instruments TPS76901-HT Datasheet HTML 4Page - Texas Instruments TPS76901-HT Datasheet HTML 5Page - Texas Instruments TPS76901-HT Datasheet HTML 6Page - Texas Instruments TPS76901-HT Datasheet HTML 7Page - Texas Instruments TPS76901-HT Datasheet HTML 8Page - Texas Instruments TPS76901-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
OUT
IN
FB
GND
EN
VREF
Current Limit
TPS76901-HT
SLVS959D – JUNE 2009 – REVISED NOVEMBER 2013
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°c to 175°C
DBV
TPS76901HDBVT
PCFS
TPS76901SKGD1
KGD
NA
TPS76901SKGD2
–55°c to 210°C
HKJ
TPS76901SHKJ
TPS76901SHKJ
HKQ
TPS76901SHKQ
TPS76901SHKQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VREF
Input voltage range(2)
–0.3 to 13.5
V
Voltage range at EN
–0.3 to VI + 0.3
V
Voltage on OUT, FB
7
V
Peak output current
Internally limited
ESD rating, HBM
2
kV
Continuous total power dissipation
See Dissipation Ratings Table
TJ
Operating virtual junction temperature range
–55 to 210
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: TPS76901-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com