Electronic Components Datasheet Search
  English  ▼

X  

TPS76901-HT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901-HT
Description  ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901-HT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS76901-HT Datasheet HTML 6Page - Texas Instruments TPS76901-HT Datasheet HTML 7Page - Texas Instruments TPS76901-HT Datasheet HTML 8Page - Texas Instruments TPS76901-HT Datasheet HTML 9Page - Texas Instruments TPS76901-HT Datasheet HTML 10Page - Texas Instruments TPS76901-HT Datasheet HTML 11Page - Texas Instruments TPS76901-HT Datasheet HTML 12Page - Texas Instruments TPS76901-HT Datasheet HTML 13Page - Texas Instruments TPS76901-HT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
100
1000
10000
100000
1000000
10000000
100
110
120
130
140
150
160
170
180
Continuous T
J (°C)
Wirebond Voiding
Fail Mode
TPS76901-HT
SLVS959D – JUNE 2009 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Note:
1.
See datasheet for absolute maximum and minimum recommended operating conditions.
2.
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package
interconnect life).
Figure 5. TPS76901HDBVT Operating Life Derating Chart
10
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: TPS76901-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com