Electronic Components Datasheet Search
  English  ▼

X  

TPS76901HDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901HDBVT
Description  ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901HDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS76901HDBVT Datasheet HTML 1Page - Texas Instruments TPS76901HDBVT Datasheet HTML 2Page - Texas Instruments TPS76901HDBVT Datasheet HTML 3Page - Texas Instruments TPS76901HDBVT Datasheet HTML 4Page - Texas Instruments TPS76901HDBVT Datasheet HTML 5Page - Texas Instruments TPS76901HDBVT Datasheet HTML 6Page - Texas Instruments TPS76901HDBVT Datasheet HTML 7Page - Texas Instruments TPS76901HDBVT Datasheet HTML 8Page - Texas Instruments TPS76901HDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
8
5
4
1
HKQ as formed or HKJ mounted dead bug
HKQ PACKAGE
(TOP VIEW)
NC
FB
EN
GND
-
NC
IN
OUT
NC
1
2
3
4
5
IN
GND
EN
-
NC/FB
OUT
DBV PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
HKJ PACKAGE
(TOP VIEW)
NC
FB
EN
GND
NC
IN
OUT
NC
-
TPS76901-HT
www.ti.com
SLVS959D – JUNE 2009 – REVISED NOVEMBER 2013
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
Check for Samples: TPS76901-HT
1
FEATURES
SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
•
100-mA Low-Dropout Regulator
•
Controlled Baseline
•
Available in Adjustable Versions
•
One Assembly/Test Site
•
Only 335-
μA Quiescent Current With 100 mA
at 210°C
•
One Fabrication Site
•
1-
μA Quiescent Current in Standby Mode
•
Available in Extreme (–55°C/210°C)
Temperature Range (1)
•
Dropout Voltage Typically 71 mV at 100 mA
•
Extended Product Life Cycle
•
Over Current Limitation
•
Extended Product-Change Notification
APPLICATIONS
•
Product Traceability
•
Down-Hole Drilling
•
Texas Instruments' high temperature products
utilize highly optimized silicon (die) solutions
•
High Temperature Environments
with design and process enhancements to
maximize performance over extended
temperatures.
(1)
Custom temperature ranges available
DESCRIPTION
The TPS76901 low-dropout (LDO) voltage regulator offers the benefits of low dropout voltage, ultralow-power
operation, and miniaturized packaging. This regulator features low dropout voltages and ultralow quiescent
current compared to conventional LDO regulators. The TPS76901 is ideal for micropower operations and where
board space is at a premium.
A combination of new circuit design and process innovation has enabled the usual PNP pass transistor to be
replaced by a PMOS pass element. Because the PMOS pass element behaves as a low-value resistor, the
dropout voltage is very low, and is directly proportional to the load current. Since the PMOS pass element is a
voltage-driven device, the quiescent current is ultralow (28
μA maximum) and is stable over the entire range of
output load current (0 mA to 100 mA). Intended for use in portable systems such as laptops and cellular phones,
the ultralow-dropout voltage feature and ultralow-power operation result in a significant increase in system
battery operating life.
The TPS76901 also features a logic-enabled sleep mode to shut down the regulator, reducing quiescent current
to 1
μA, typical at TJ = 25°C. The TPS76901 is a variable version programmable over the range of 1.2 V to
4.5 V).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS76901HDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901HDBVT TI1-TPS76901HDBVT Datasheet
580Kb / 21P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901HDBVT TI2-TPS76901HDBVT Datasheet
364Kb / 19P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
REVISED NOVEMBER 2013
More results

Similar Description - TPS76901HDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com