Electronic Components Datasheet Search
  English  ▼

X  

TPS76901HDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901HDBVT
Description  ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76901HDBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS76901HDBVT Datasheet HTML 1Page - Texas Instruments TPS76901HDBVT Datasheet HTML 2Page - Texas Instruments TPS76901HDBVT Datasheet HTML 3Page - Texas Instruments TPS76901HDBVT Datasheet HTML 4Page - Texas Instruments TPS76901HDBVT Datasheet HTML 5Page - Texas Instruments TPS76901HDBVT Datasheet HTML 6Page - Texas Instruments TPS76901HDBVT Datasheet HTML 7Page - Texas Instruments TPS76901HDBVT Datasheet HTML 8Page - Texas Instruments TPS76901HDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
a
b
c
d
Origin
TPS76901-HT
SLVS959D – JUNE 2009 – REVISED NOVEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils.
Silicon with backgrind
GND
Al-Si-Cu (0.5%)
Table 1. BOND PAD COORDINATES
DESCRIPTION(1)
PAD NUMBER
a
b
c
d
IN
1
91.55
764.45
176.55
849.45
OUT
2
130.10
91.50
215.10
176.50
DNC
3
177.10
91.50
253.10
176.50
FB
4
1130.75
91.50
1215.75
176.50
DNC
5
1180.00
229.00
1256.00
305.00
DNC
6
1180.00
330.00
1256.00
406.00
DNC
7
1180.00
431.00
1256.00
507.00
DNC
8
1180.00
532.00
1256.00
608.00
DNC
9
1180.00
633.00
1256.00
709.00
DNC
10
1180.00
734.00
1256.00
810.00
EN
11
1058.50
864.50
1143.50
949.50
GND
12
700.00
881.00
785.00
966.00
IN
13
202.50
864.50
287.50
949.50
(1)
DNC = Do not connect
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: TPS76901-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com