| Electronic Components Datasheet Search |
|
KAI-02150 Datasheet(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
KAI-02150 Datasheet(HTML) 2 Page - ON Semiconductor |
|
2 / 42 page ![]() KAI−02150 www.onsemi.com 2 The sensor is available with the TRUESENSE Sparse Color Filter Pattern, a technology which provides a 2x improvement in light sensitivity compared to a standard color Bayer part. The sensor shares common PGA pin-out and electrical configurations with other devices based on the TRUESENSE 5.5 micron Interline Transfer CCD Platform, allowing a single camera design to support multiple members of this sensor family. ORDERING INFORMATION Standard Devices See full datasheet for ordering information associated with devices no longer recommended for new designs. Table 2. ORDERING INFORMATION − STANDARD DEVICES Part Number Description Marking Code KAI−02150−AAA−JP−BA Monochrome, No Microlens, PGA Package, Taped Clear Cover Glass, No Coatings, Standard Grade. KAI−02150−AAA Serial Number KAI−02150−AAA−JP−AE Monochrome, No Microlens, PGA Package, Taped Clear Cover Glass, No Coatings, Engineering Grade. KAI−02150−ABA−JD−BA Monochrome, Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Standard Grade. KAI−02150−ABA Serial Number KAI−02150−ABA−JD−AE Monochrome, Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Engineering Grade. KAI−02150−ABA−JP−BA Monochrome, Telecentric Microlens, PGA Package, Taped Clear Cover Glass, No Coatings, Standard Grade. KAI−02150−ABA−JP−AE Monochrome, Telecentric Microlens, PGA Package, Taped Clear Cover Glass, No Coatings, Engineering Grade. KAI−02150−ABA−FD−BA Monochrome, Telecentric Microlens, CLCC Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Standard Grade. KAI−02150−ABA−FD−AE Monochrome, Telecentric Microlens, CLCC Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Engineering Grade. KAI−02150−FBA−JD−BA Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Standard Grade. KAI−02150−FBA Serial Number KAI−02150−FBA−JD−AE Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Engineering Grade. KAI−02150−FBA−FD−BA Gen2 Color (Bayer RGB), Telecentric Microlens, CLCC Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Standard Grade. KAI−02150−FBA−FD−AE Gen2 Color (Bayer RGB), Telecentric Microlens, CLCC Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Engineering Grade. KAI−02150−FBA−JB−B2 Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass (No Coatings), Grade 2. KAI−02150−FBA Serial Number VAB = xx.x KAI−02150−FBA−JB−AE Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass (No Coatings), Engineering Grade. KAI−02150−FBA−JB−B2−T Gen2 Color (Bayer RGB), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass (No Coatings), Grade 2, Packed in Trays. KAI−02150−QBA−JD−BA Gen2 Color (TRUESENSE Sparse CFA), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Standard Grade. KAI−02150−QBA Serial Number KAI−02150−QBA−JD−AE Gen2 Color (TRUESENSE Sparse CFA), Telecentric Microlens, PGA Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Engineering Grade. KAI−02150−QBA−FD−BA Gen2 Color (TRUESENSE Sparse CFA), Telecentric Microlens, CLCC Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Standard Grade. KAI−02150−QBA−FD−AE Gen2 Color (TRUESENSE Sparse CFA), Telecentric Microlens, CLCC Package, Sealed Clear Cover Glass with AR Coating (Both Sides), Engineering Grade. See the ON Semiconductor Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |