Electronic Components Datasheet Search
  English  ▼

X  

KAI-02150 Datasheet(PDF) 21 Page - ON Semiconductor

Part # KAI-02150
Description  Interline CCD Image Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-02150 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button KAI-02150 Datasheet HTML 17Page - ON Semiconductor KAI-02150 Datasheet HTML 18Page - ON Semiconductor KAI-02150 Datasheet HTML 19Page - ON Semiconductor KAI-02150 Datasheet HTML 20Page - ON Semiconductor KAI-02150 Datasheet HTML 21Page - ON Semiconductor KAI-02150 Datasheet HTML 22Page - ON Semiconductor KAI-02150 Datasheet HTML 23Page - ON Semiconductor KAI-02150 Datasheet HTML 24Page - ON Semiconductor KAI-02150 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
KAI−02150
www.onsemi.com
21
OPERATION
Absolute Maximum Ratings
Absolute maximum rating is defined as a level or
condition that should not be exceeded at any time per the
description. If the level or the condition is exceeded,
the device will be degraded and may be damaged. Operation
at these values will reduce MTTF.
Table 12. ABSOLUTE MAXIMUM RATINGS
Description
Symbol
Minimum
Maximum
Unit
Notes
Operating Temperature
TOP
−50
70
°C
1
Humidity
RH
5
90
%
2
Output Bias Current
IOUT
−
60
mA
3
Off-Chip Load
CL
−
10
pF
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Noise performance will degrade at higher temperatures.
2. T = 25
°C. Excessive humidity will degrade MTTF.
3. Total for all outputs. Maximum current is −15 mA for each output. Avoid shorting output pins to ground or any low impedance source during
operation. Amplifier bandwidth increases at higher current and lower load capacitance at the expense of reduced gain (sensitivity).
Table 13. ABSOLUTE MAXIMUM VOLTAGE RATINGS BETWEEN PINS AND GROUND
Description
Minimum
Maximum
Unit
Notes
VDD
a, VOUTa
−0.4
17.5
V
1
RD
a
−0.4
15.5
V
1
V1B, V1T
ESD − 0.4
ESD + 24.0
V
V2B, V2T, V3B, V3T, V4B, V4T
ESD − 0.4
ESD + 14.0
V
H1S
a, H1Ba, H2Sa, H2Ba, H2SLa, Ra, OGa
ESD − 0.4
ESD + 14.0
V
1
ESD
−10.0
0.0
V
SUB
−0.4
40.0
V
2
1.
a denotes a, b, c or d.
2. Refer to Application Note Using Interline CCD Image Sensors in High Intensity Visible Lighting Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com