Electronic Components Datasheet Search
  English  ▼

X  

LM4030 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM4030
Description  LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4030 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4030 Datasheet HTML 6Page - Texas Instruments LM4030 Datasheet HTML 7Page - Texas Instruments LM4030 Datasheet HTML 8Page - Texas Instruments LM4030 Datasheet HTML 9Page - Texas Instruments LM4030 Datasheet HTML 10Page - Texas Instruments LM4030 Datasheet HTML 11Page - Texas Instruments LM4030 Datasheet HTML 12Page - Texas Instruments LM4030 Datasheet HTML 13Page - Texas Instruments LM4030 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
VHYS =
lVREF1 - VREF2l
VREF
x 10
6 ppm
-40
oC
VREF1
Time
VREF2
25
oC
125
oC
LM4030
SNVS552B – MARCH 2008 – REVISED APRIL 2013
www.ti.com
Figure 23. Reverse Dynamic Impedance vs COUT
As with other regulators, an external capacitor reduces the amplitude of the VREF transient when a sudden
change in loading takes place. The capacitor should be placed as close to the part as possible to reduce the
effects of unwanted board parasitics.
THERMAL HYSTERESIS
Thermal hysteresis is the defined as the change in output voltage at 25°C after some deviation from 25°C. This
is to say that thermal hysteresis is the difference in output voltage between two points in a given temperature
profile. An illustrative temperature profile is shown in Figure 24.
Figure 24. Illustrative Temperature Profile
This may be expressed analytically as the following:
where
•
VHYS = Thermal hysteresis expressed in ppm
•
VREF = Nominal preset output voltage
•
VREF1 = VREF before temperature fluctuation
•
VREF2 = VREF after temperature fluctuation
(2)
The LM4030 features a low thermal hysteresis of 75 ppm (typical) from -40°C to 125°C after 8 temperature
cycles.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM4030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com