Electronic Components Datasheet Search
  English  ▼

X  

LM4030 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM4030
Description  LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4030 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4030 Datasheet HTML 8Page - Texas Instruments LM4030 Datasheet HTML 9Page - Texas Instruments LM4030 Datasheet HTML 10Page - Texas Instruments LM4030 Datasheet HTML 11Page - Texas Instruments LM4030 Datasheet HTML 12Page - Texas Instruments LM4030 Datasheet HTML 13Page - Texas Instruments LM4030 Datasheet HTML 14Page - Texas Instruments LM4030 Datasheet HTML 15Page - Texas Instruments LM4030 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
x 0.1
VREF
= Percent_Error
VERROR
x 10
3
VREF
= ppmERROR
VERROR
x 10
3
VREF
2
n
= VERROR
LM4030
SNVS552B – MARCH 2008 – REVISED APRIL 2013
www.ti.com
Bit error (1 bit) to voltage error (mV):
(5)
VREF is in volts (V), VERROR is in milli-volts (mV), and n is the number of bits.
mV to ppm error in output voltage:
where
•
VREF is in volts (V) and VERROR is in milli-volts (mV)
(6)
Voltage error (mV) to percentage error (percent):
where
•
VREF is in volts (V) and VERROR is in milli-volts (mV)
(7)
PRINTED CIRCUIT BOARD and LAYOUT CONSIDERATIONS
The LM4030 has a very small change in reverse voltage with current (25ppm/mA typical) so large variations in
load current (up to 50mA) should not appreciably shift VREF. Parasitic resistance between the LM4030 and the
load introduces a voltage drop proportional to load current and should be minimized. The LM4030 should be
placed as close to the load it is driving as the layout will allow. The location of RZ is not important, but COUT
should be as close to the LM4030 as possible so added ESR does not degrade the transient performance.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM4030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com