Electronic Components Datasheet Search
  English  ▼

X  

LM5039 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5039
Description  Half-Bridge PWM Controller with Average Current Limit
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5039 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5039 Datasheet HTML 8Page - Texas Instruments LM5039 Datasheet HTML 9Page - Texas Instruments LM5039 Datasheet HTML 10Page - Texas Instruments LM5039 Datasheet HTML 11Page - Texas Instruments LM5039 Datasheet HTML 12Page - Texas Instruments LM5039 Datasheet HTML 13Page - Texas Instruments LM5039 Datasheet HTML 14Page - Texas Instruments LM5039 Datasheet HTML 15Page - Texas Instruments LM5039 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
CS
500 mV
LM5039
Peak Cycle-by-Cyle Limit
Average Current Limit
ACL
+
-
600 mV
Terminate
PWM
5V
5V
COMP
RAMP
PWM
COMPARATOR
CACL
Frequency
Foldback
Hiccup
Mode
Logic
12 PA
+5V
RES
22 PA
¹
·
©
§ NPRI
NSEC
500 mV
Rcs
x
IOUT =
x CTTurns
LM5039
SNVS621D – FEBRUARY 2010 – REVISED MARCH 2013
www.ti.com
The UVLO pin can also be used to implement various remote enable / disable functions. See the Soft-Start
section for more details.
Reference
The REF pin is the output of a 5V linear regulator that can be used to bias an opto-coupler transistor and
external housekeeping circuits. The regulator output is internally current limited to 20mA (typical).
Current Limit
The LM5039 utilizes two high-speed comparators to implement a current limiting in an overload condition: A
higher threshold (600mV) comparator is used to implement a fast peak cycle-by-cycle current limit to provide
instantaneous protection to the power converter and a lower threshold (500mV) comparator is used to implement
a slower average current limit that balances the half-bridge capacitor divider voltage. During an overload event,
average current limit scheme allows the power converter to act as a constant current source with the duty cycle
maintained such that the average output current is:
(1)
This scheme is often known as “brickwall” current limiting or constant current limiting and its response is same
whether the load is a soft-short or a hard-short. Typically, in an overload condition, the PWM cycle is terminated
by the peak cycle-by-cycle comparator instead of the PWM comparator. This is similar to peak current mode
control, which inherently results in an on-time imbalance between the two phases of a half-bridge topology. Any
such imbalance, for an extended period of time, will cause the voltage at the center point of the capacitor divider
to drift either towards the input voltage or ground. However, in an average current limit scheme, the PWM cycle
is terminated through the PWM comparator, by pulling down the PWM control input. Because of its averaging
nature, the PWM control voltage is essentially held at a constant dc voltage. Therefore, the on-time of successive
PWM cycles are equal, thus maintaining balance of the center-point of the capacitor divider.
Figure 14. Peak Cycle-by-Cycle and Average Current Limit Circuitry
The CS pin is driven by a signal representative of the primary current. During a continuous overload event, the
500mV comparator sources pulses of current into the average current limit pin (ACL). A capacitor connected to
the ACL pin smooths and averages the pulses. When the ACL capacitor is charged to approximately 2V, it starts
pulling down the PWM comparator input via the current mirror shown in Figure 14. As the overload event
persists, the ACL takes control of the duty cycle through the PWM comparator, instead of peak cycle-by-cycle
control. The average current limiting can be disabled by shorting the ACL pin to GND.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM5039



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com