Electronic Components Datasheet Search
  English  ▼

X  

A23L36166 Datasheet(PDF) 4 Page - AMIC Technology

Part # A23L36166
Description  8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L36166 Datasheet(HTML) 4 Page - AMIC Technology

  A23L36166 Datasheet HTML 1Page - AMIC Technology A23L36166 Datasheet HTML 2Page - AMIC Technology A23L36166 Datasheet HTML 3Page - AMIC Technology A23L36166 Datasheet HTML 4Page - AMIC Technology A23L36166 Datasheet HTML 5Page - AMIC Technology A23L36166 Datasheet HTML 6Page - AMIC Technology A23L36166 Datasheet HTML 7Page - AMIC Technology A23L36166 Datasheet HTML 8Page - AMIC Technology A23L36166 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A23L36166/A23L361662 Series
PRELIMINARY
(December, 2009, Version 0.2)
3
AMIC Technology, Corp.
Pin Descriptions
Pin No.
48L TSOP
(A23L36166)
56L TSOP
(23L361662)
Symbol
Description
2-23, 36
2-12, 15, 18-26,
31, 54
A0-A22
Address Inputs
28-35, 39-45
35-42, 44-50
O0-O14
Data Outputs
46
51
O15/A-1
Output 15(WORD mode) / LSB Address (BYTE mode)
24
32
CE
Chip Enable Input
27
34
OE
Output Enable Input
1
53
BYTE
BYTE or WORD mode Selection
37-38
43
VCC
Power Supply
25-26, 47-48
33, 52
GND
Ground
-
1, 13-14, 16-17,
27-28, 29-30, 55-56
NC
No Connection
Recommended DC Operating Conditions
(TA = 0
°C to + 70°C)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.7
3.6
V
GND
Ground
0
0
V
VIH
Input High Voltage
2.2
VCC+0.3
V
VIL
Input Low Voltage
- 0.3
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com