Electronic Components Datasheet Search
  English  ▼

X  

A23L36166 Datasheet(PDF) 6 Page - AMIC Technology

Part # A23L36166
Description  8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L36166 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A23L36166 Datasheet HTML 2Page - AMIC Technology A23L36166 Datasheet HTML 3Page - AMIC Technology A23L36166 Datasheet HTML 4Page - AMIC Technology A23L36166 Datasheet HTML 5Page - AMIC Technology A23L36166 Datasheet HTML 6Page - AMIC Technology A23L36166 Datasheet HTML 7Page - AMIC Technology A23L36166 Datasheet HTML 8Page - AMIC Technology A23L36166 Datasheet HTML 9Page - AMIC Technology A23L36166 Datasheet HTML 10Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
A23L36166/A23L361662 Series
PRELIMINARY
(December, 2009, Version 0.2)
5
AMIC Technology, Corp.
Capacitance
Symbol
Parameter
Min.
Max.
Unit
Test Conditions
Note
CI
Input Capacitance
10
pF
TA = 25
°C
3
CO
Output Capacitance
10
pF
f = 1.0MHz
AC Characteristics
(TA = 0
°C to +70°C, VCC = 2.7V~3.6V)
Symbol
Parameter
A23L36166/ A23L361662-90
Unit
Note
Min.
Max.
tCYC
Cycle Time
90
ns
tAA
Address Access Time
90
ns
tACE
Chip Enable Access Time
90
ns
tPC
Page Cycle Time
30
ns
tPAC
Page Access Time
30
ns
tAOE
Output Enable Access Time
30
ns
tOH
Output Hold after Address Change
10
ns
tLZ
Output Low Z Delay
10
ns
4, 6
tHZ
Output High Z Delay*
20
ns
5, 6
* tHZ is specified from either OE or CE going disabled, whichever occurs first.
Notes:
1. OE / CE = VIH (Output is unloaded)
2. VIN = VIH/VIL, OE / CE = VIL (Output is unloaded)
3. This parameter is periodically sampled and is not 100% tested. All pins, except pins under test, are tied to AC ground.
4. Output LOW impedance delay (tLZ) is measured from CE or OE going active.
5. Output HIGH impedance delay (tHZ) is measured from CE or OE going inactive.
6. This parameter is sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com