Electronic Components Datasheet Search
  English  ▼

X  

1N914 Datasheet(PDF) 14 Page - Microsemi Corporation

Part # 1N914
Description  PERFORMANCE SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N914 Datasheet(HTML) 14 Page - Microsemi Corporation

Back Button 1N914 Datasheet HTML 10Page - Microsemi Corporation 1N914 Datasheet HTML 11Page - Microsemi Corporation 1N914 Datasheet HTML 12Page - Microsemi Corporation 1N914 Datasheet HTML 13Page - Microsemi Corporation 1N914 Datasheet HTML 14Page - Microsemi Corporation 1N914 Datasheet HTML 15Page - Microsemi Corporation 1N914 Datasheet HTML 16Page - Microsemi Corporation 1N914 Datasheet HTML 17Page - Microsemi Corporation 1N914 Datasheet HTML 18Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MIL-PRF-19500/116L
14
TABLE I. Group A inspection - Continued.
MIL-STD-750
Limits
Inspection 1/
Method
Conditions
Symbol
Min
Max
Unit
Subgroup 3 -
Continued
Low temperature
operation:
TA = -55
qC
Forward voltage
4011
VF4
1N914
1N4531
1N4148-1
IF = 50 mA dc
IF = 100 mA dc
IF = 100 mA dc
1.3
1.3
1.3
V dc
V dc
V dc
Subgroup 4
Junction capacitance
4001
VR = 0 V dc, f = 1 MHz,
Vsig = 50 mVp-p maximum
C1
1N914
1N4531
1N4148-1
4.0
4.0
4.0
pF
pF
pF
Junction capacitance
4001
VR = 1.5 V dc, f = 1 MHz,
Vsig = 50 mVp-p maximum
C2
2.8
pF
Reverse recovery time
4031
Condition A
C > 1 nF, IF = IR = 10 mA dc, RL = 100: r5%
IR(REC) = 1.0 mA dc, R t 1000:.
trr
5ns
1N914
1N4531
1N4148-1
Subgroup 5
Not applicable
See footnote at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com