Electronic Components Datasheet Search
  English  ▼

X  

1N914 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N914
Description  PERFORMANCE SPECIFICATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N914 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N914 Datasheet HTML 1Page - Microsemi Corporation 1N914 Datasheet HTML 2Page - Microsemi Corporation 1N914 Datasheet HTML 3Page - Microsemi Corporation 1N914 Datasheet HTML 4Page - Microsemi Corporation 1N914 Datasheet HTML 5Page - Microsemi Corporation 1N914 Datasheet HTML 6Page - Microsemi Corporation 1N914 Datasheet HTML 7Page - Microsemi Corporation 1N914 Datasheet HTML 8Page - Microsemi Corporation 1N914 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MIL-PRF-19500/116L
2
1.4 Primary electrical characteristics at TA = +25
GC, unless otherwise indicated.
Type
(1)
VF1
VF2
IR1 at
VR = 20 V dc
IR2 at
VR = 75 V dc
1N914
1N4148-1
1N4531
IF mA dc
10
10
10
V dc
0.8
0.8
0.8
IF mA dc
50
100
100
V dc
1.2
1.2
1.2
nA dc
25
25
25
2A dc
0.5
0.5
0.5
Type
(1)
IR3 at
VR = 20 V dc
TA = 150
GC
IR4 at
VR = 75 V dc
TA = 150
GC
tfr at
Vfr = 5.0 V dc (pk) and
IF = 50 mA dc
trr
1N914
1N4148-1
1N4531
2A dc
35
35
35
2A dc
75
75
75
ns
20
20
20
ns
5
5
5
(1) Electrical characteristics for surface mount devices are equivalent to the corresponding non-surface mount
devices unless otherwise noted.
2. APPLICABLE DOCUMENTS
2.1 General. The documents listed in this section are specified in sections 3 and 4 of this specification. This
section does not include documents cited in other sections of this specification or recommended for additional
information or as examples. While every effort has been made to ensure the completeness of this list, document
users are cautioned that they must meet all specified requirements documents cited in sections 3 and 4 of this
specification, whether or not they are listed.
2.2 Government documents.
2.2.1 Specifications, standards, and handbooks. The following specifications, standards, and handbooks form a
part of this document to the extent specified herein. Unless otherwise specified, the issues of these documents are
those listed in the issue of the Department of Defense Index of Specifications and Standards (DoDISS) and
supplement thereto, cited in the solicitation (see 6.2).
SPECIFICATION
DEPARTMENT OF DEFENSE
MIL-PRF-19500
-
Semiconductor Devices, General Specification for.
STANDARD
DEPARTMENT OF DEFENSE
MIL-STD-750
-
Test Methods for Semiconductor Devices.
(Unless otherwise indicated, copies of the above specifications, standards, and handbooks are available from the
Document Automation and Production Services (DAPS), Building 4D (DPM-DODSSP), 700 Robbins Avenue,
Philadelphia, PA 19111-5094.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com