Electronic Components Datasheet Search
  English  ▼

X  

KAI-08050 Datasheet(PDF) 7 Page - ON Semiconductor

Part # KAI-08050
Description  Interline CCD Image Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08050 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KAI-08050 Datasheet HTML 3Page - ON Semiconductor KAI-08050 Datasheet HTML 4Page - ON Semiconductor KAI-08050 Datasheet HTML 5Page - ON Semiconductor KAI-08050 Datasheet HTML 6Page - ON Semiconductor KAI-08050 Datasheet HTML 7Page - ON Semiconductor KAI-08050 Datasheet HTML 8Page - ON Semiconductor KAI-08050 Datasheet HTML 9Page - ON Semiconductor KAI-08050 Datasheet HTML 10Page - ON Semiconductor KAI-08050 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
KAI−08050
www.onsemi.com
7
IMAGING PERFORMANCE
Table 4. TYPICAL OPERATION CONDITIONS
Unless otherwise noted, the Imaging Performance Specifications are measured using the following conditions.
Description
Condition
Notes
Light Source
Continuous red, green and blue LED illumination
For monochrome sensor, only
green LED used.
Operation
Nominal operating voltages and timing
Table 5. SPECIFICATIONS
All Configurations
Description
Symbol
Min.
Nom.
Max.
Units
Sampling
Plan
Temperature
Tested At
(5C)
Notes
Dark Field Global Non−Uniformity
DSNU
−
−
2
mVpp
Die
27, 40
Bright Field Global Non−Uniformity
−
2
5
%rms
Die
27, 40
1
Bright Field Global Peak to Peak
Non−Uniformity
PRNU
−
5
15
%pp
Die
27, 40
1
Bright Field Center Non−Uniformity
−
1
2
%rms
Die
27, 40
1
Maximum Photoresponse Nonlin-
earity
NL
−
2
−
%
Design
2
Maximum Gain Difference Between
Outputs
DG
−
10
−
%
Design
2
Maximum Signal Error due to
Nonlinearity Differences
DNL
−
1
−
%
Design
2
Horizontal CCD Charge Capacity
HNe
−
55
−
ke−
Design
Vertical CCD Charge Capacity
VNe
−
40
−
ke−
Design
Photodiode Charge Capacity
PNe
−
20
−
ke−
Die
27, 40
3
Horizontal CCD Charge Transfer
Efficiency
HCTE
0.999995
0.999999
−
Die
Vertical CCD Charge Transfer
Efficiency
VCTE
0.999995
0.999999
−
Die
Photodiode Dark Current
Ipd
−
7
70
e/p/s
Die
40
Vertical CCD Dark Current
Ivd
−
100
300
e/p/s
Die
40
Image Lag
Lag
−
−
10
e−
Design
Antiblooming Factor
Xab
300
−
−
Design
Vertical Smear
Smr
−
−100
−
dB
Design
Read Noise
ne−T
−
12
−
e−rms
Design
4
Dynamic Range
DR
−
64
−
dB
Design
4, 5
Output Amplifier DC Offset
Vodc
−
9.4
−
V
Die
27, 40
Output Amplifier Bandwidth
f−3db
−
250
−
MHz
Die
6
Output Amplifier Impedance
ROUT
−
127
−
W
Die
27, 40
Output Amplifier Sensitivity
DV/DN
−
34
−
mV/e−
Design
1. Per color
2. Value is over the range of 10% to 90% of photodiode saturation.
3. The operating value of the substrate voltage, VAB, will be marked on the shipping container for each device. The value of VAB is set such
that the photodiode charge capacity is 680 mV.
4. At 40 MHz
5. Uses 20LOG (PNe/ ne−T)
6. Assumes 5 pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com