Electronic Components Datasheet Search
  English  ▼

X  

KAI-08050 Datasheet(PDF) 26 Page - ON Semiconductor

Part # KAI-08050
Description  Interline CCD Image Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08050 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button KAI-08050 Datasheet HTML 22Page - ON Semiconductor KAI-08050 Datasheet HTML 23Page - ON Semiconductor KAI-08050 Datasheet HTML 24Page - ON Semiconductor KAI-08050 Datasheet HTML 25Page - ON Semiconductor KAI-08050 Datasheet HTML 26Page - ON Semiconductor KAI-08050 Datasheet HTML 27Page - ON Semiconductor KAI-08050 Datasheet HTML 28Page - ON Semiconductor KAI-08050 Datasheet HTML 29Page - ON Semiconductor KAI-08050 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
KAI−08050
www.onsemi.com
26
Pixel Timing Detail
Figure 22. Pixel Timing Detail
P5
P6
P7
VOUT
t
hv
t
rv
Frame/Electronic Shutter Timing
The SUB pin may be optionally clocked to provide
electronic shuttering capability as shown below.
The resulting photodiode integration time is defined from
the falling edge of SUB to the falling edge of V1 (P1
pattern).
Figure 23. Frame/Electronic Shutter Timing
P1T/B
P6
SUB
t
int
t
frame
t
hd
t
hd
t
sub
Pattern
VCCD Clock Edge Alignment
Figure 24. VCCD Clock Edge Alignment
VVCR
90%
10%
tVR
tVF
tV
tVR
tVF
tV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com