Electronic Components Datasheet Search
  English  ▼

X  

A29040C Datasheet(PDF) 29 Page - AMIC Technology

Part # A29040C
Description  Uniform Sector Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29040C Datasheet(HTML) 29 Page - AMIC Technology

Back Button A29040C Datasheet HTML 21Page - AMIC Technology A29040C Datasheet HTML 22Page - AMIC Technology A29040C Datasheet HTML 23Page - AMIC Technology A29040C Datasheet HTML 24Page - AMIC Technology A29040C Datasheet HTML 25Page - AMIC Technology A29040C Datasheet HTML 26Page - AMIC Technology A29040C Datasheet HTML 27Page - AMIC Technology A29040C Datasheet HTML 28Page - AMIC Technology A29040C Datasheet HTML 29Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
A29040C Series
(March, 2015, Version 1.1)
28
AMIC Technology, Corp.
Package Information
TSOP 32L TYPE I (8 X 20mm) Outline Dimensions
unit: inches/mm
LE
L
y
Detail "A"
S
b
HD
D
θ
Detail "A"
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.047
-
-
1.20
A
1
0.002
-
0.006
0.05
-
0.15
A
2
0.037
0.039
0.041
0.95
1.00
1.05
b
0.007
0.009
0.011
0.18
0.22
0.27
c
0.004
-
0.008
0.11
-
0.20
D
0.720
0.724
0.728
18.30
18.40
18.50
E
-
0.315
0.319
-
8.00
8.10
e
0.020 BSC
0.50 BSC
HD
0.779
0.787
0.795
19.80
20.00
20.20
L
0.016
0.020
0.024
0.40
0.50
0.60
LE
-
0.032
-
-
0.80
-
S
-
-
0.020
-
-
0.50
y
-
-
0.003
-
-
0.08
θ
0
°
-
5
°
0
°
-
5
°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.
3. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com