Electronic Components Datasheet Search
  English  ▼

X  

2N3866 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3866
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3866 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3866 Datasheet HTML 1Page - Microsemi Corporation 2N3866 Datasheet HTML 2Page - Microsemi Corporation 2N3866 Datasheet HTML 3Page - Microsemi Corporation 2N3866 Datasheet HTML 4Page - Microsemi Corporation 2N3866 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSC1067.PDF 3-10-99
2N3866 / 2N3866A
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
(off)
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCER
Collector-Emitter Breakdown Voltage
(IC = 5.0 mAdc, RBE = 10 ohms)
55
-
-
Vdc
BVCEO
Collector-Emitter Sustaining Voltage
(IC=5.0 mAdc, IB=0)
30
-
-
Vdc
BVCBO
Collector-Base Breakdown Voltage
(IE = 0, IC = 0.1 mAdc)
55
-
-
Vdc
BVEBO
Emitter-Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
3.5
-
-
Vdc
ICEO
Collector Cutoff Current
(VCE = 28 Vdc, IB = 0)
-
-
20
µA
ICEX
Collector Cutoff Current
(VCE = 55 Vdc, VBE = 1.5 Vdc)
-
-
100
µA
(on)
HFE
DC Current Gain
(IC = 360 mAdc, VCE = 5.0 Vdc) Both
(IC = 50
mAdc, VCE = 5.0 Vdc) 2N3866
(IC = 50
mAdc, VCE = 5.0 Vdc) 2N3866A
5.0
10
25
-
-
-
-
200
200
-
-
-
VCE(sat)
Collector-Emitter Saturation Voltage
(IC = 100 mAdc, IB = 20 mAdc)
-
-
1.0
Vdc
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
fT
Current-Gain - Bandwidth Product
(IC = 50 mAdc, VCE = 15 Vdc, f = 200 MHz)
2N3866
2N3866A
500
800
800
-
-
-
MHz
COB
Output Capacitance
(VCB = 30 Vdc, IE = 0, f = 1.0 MHz)
-
2.8
3.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com