Electronic Components Datasheet Search
  English  ▼

X  

PE44879 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44879
Description  SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44879 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44879 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44879 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44879 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
•
GPO® is a Registered Trademark of Corning Gilbert Inc.
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz PE44879
URL: http://www.pasternack.com/smp-male-standard-end-launch-pcb-connector-pe44879-p.aspx
SMP Male Smooth Bore Connector Solder
Attachment End Launch PCB, Up To 8 GHz
PE44879
PE44879 REV 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com