Electronic Components Datasheet Search
  English  ▼

X  

PE44879 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44879
Description  SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44879 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44879 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44879 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44879 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Pasternack 8 GHz SMP connectors are designed to offer a low cost alternative where the SMP form factor is desired but the
standard SMP frequency range is not needed. The line of 8 GHz SMP connectors is fully compatible with industry standard
SMP and GPO® connectors. These SMP connectors offer a low cost high performance blind-mate solution for lower frequency
applications. The Male versions of the 8 GHz SMP is available in Full Detent, Limited Detent, and Smooth Bore versions.
• Fully compatible with industry standard SMP and GPO® connectors
• Full Detent, Limited Detent, and Smooth Bore Male designs
• Glass Bead Hermetic Sealed Male Shroud versions available
• DC to 8 GHz with excelent VSWR and RF Leakage performance
Configuration
Connector
SMP Male, Smooth Bore
Connector Specification
MIL-STD-348A
Connector Interface Type
End Launch
Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 8 GHz
Impedance
50 Ohms
Maximum VSWR
1.1:1
Mechanical Specifications
Temperature
Operating Range
-65 to +165 deg C
Size
Length
0.289 in [7.34 mm]
Width/Dia.
0.305 in [7.75 mm]
Height
0.171 in [4.34 mm]
.
Connector
Type
SMP Male
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
MIL-DTL-45204
Body Material and Plating
Brass, Gold
Body Plating Specification
MIL-DTL-45204
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
6/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44879
PE44879
PE44879 REV 1
SMP Male Smooth Bore Connector Solder
Attachment End Launch PCB, Up To 8 GHz


Similar Part No. - PE44879

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4487 PASTERNACK-PE4487 Datasheet
212Kb / 2P
N Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4487 PASTERNACK-PE4487 Datasheet
317Kb / 3P
N Female Hermetically Sealed Connector Solder Attachment
PE44872 PASTERNACK-PE44872 Datasheet
253Kb / 3P
75 Ohm SMB Jack Connector Crimp-Solder Attachment For RG179, RG187
PE44874 PASTERNACK-PE44874 Datasheet
246Kb / 3P
MMCX Plug Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE44875 PASTERNACK-PE44875 Datasheet
253Kb / 3P
SMB Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
More results

Similar Description - PE44879

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44482 PASTERNACK-PE44482 Datasheet
260Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB
PE44490 PASTERNACK-PE44490 Datasheet
267Kb / 3P
Mini SMP Male Connector Solder Attachment End Launch PCB
PE44777 PASTERNACK-PE44777 Datasheet
249Kb / 3P
SMP Male Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44779 PASTERNACK-PE44779 Datasheet
252Kb / 3P
SMP Male Hermetically Sealed Connector Solder Attachment Thru Hole PCB, Up To 8 GHz
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44880 PASTERNACK-PE44880 Datasheet
255Kb / 3P
SMP Male Full Detent Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44942 PASTERNACK-PE44942 Datasheet
372Kb / 3P
SMP Male Limited Detent Connector Solder Attachment .092 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE44947 PASTERNACK-PE44947 Datasheet
366Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Contacts
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com