Electronic Components Datasheet Search
  English  ▼

X  

2N6303 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6303
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6303 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6303 Datasheet HTML 1Page - Microsemi Corporation 2N6303 Datasheet HTML 2Page - Microsemi Corporation 2N6303 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1062.PDF 05-25-99
2N6303
ABSOLUTE MAXIMUM RATI
ABSOLUTE MAXIMUM RATINGS:
NGS:
SYMBOL
CHARACTERISTIC
VALUE
UNITS
VCEO*
Collector-Emitter Voltage
- 80
Vdc
VCB*
Collector-Base Voltage
- 80
Vdc
VEB*
Emitter-Base Voltage
- 4.0
Vdc
IC*
Peak Collector Current
10
Adc
IC*
Continuous Collector Current
3.0
Adc
IB*
Base Current
0.5
Adc
TSTG*
Storage Temperature
-65 to 200
°°C
TJ*
Operating Junction Temperature
-65 to 200
°°C
PD*
Total Device Dissipation
TC = 25°°C
Derate above 25
°°C
6.0
34.3
Watts
mW/
°°C
PD*
θθ JC
Total Device Dissipation
TA = 25°°C
Derate above 25
°°C
Thermal Resistance
Junction to Case
Junction to Ambient
1.0
5.71
29
175
Watts
mW/
°°C
°°C/W
°°C/W
Silicon PNP Power
Transistors
TO-5
APPLICATIONS:
•
High-Speed Switching
•
Medium-Current Switching
•
High-Frequency Amplifiers
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
DESCRIPTION:
DESCRIPTION:
These power transistors are produced by PPC's DOUBLE DIFFUSED
PLANAR process. This technology produces high voltage devices
with excellent switching speeds, frequency response, gain linearity,
saturation voltages, high current gain, and safe operating areas.
They are intended for use in Commercial, Industrial, and Military
power switching, amplifier, and regulator applications.
Ultrasonically bonded leads and controlled die mount techniques are
utilized to further increase the SOA capability and inherent reliability
of these devices. The temperature range to 200
°°C permits reliable
operation in high ambients, and the hermetically sealed package
insures maximum reliability and long life.
*
Indicates JEDEC registered data.
FEATURES:
•
Collector-Emitter Sustaining Voltage: VCEO(sus) = - 80 Vdc (Min)
•
DC Current Gain: hFE = 30-150 @ IC = 1.5 Adc
•
Low Collector-Emitter Saturation Voltage:
VCE(sat) = - 0.75 Vdc @ IC = 1.5 Adc
•
High Current-Gain - Bandwidth Product: fT = 90 MHz (Typ)


Similar Part No. - 2N6303

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6303 SEME-LAB-2N6303 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N6303 NJSEMI-2N6303 Datasheet
153Kb / 1P
POWER TRANSISTORS PNP SILICON
2N6303 NJSEMI-2N6303 Datasheet
79Kb / 1P
SI PNP POWER BJT
More results

Similar Description - 2N6303

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com