Electronic Components Datasheet Search
  English  ▼

X  

2N6303 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6303
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6303 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6303 Datasheet HTML 1Page - Microsemi Corporation 2N6303 Datasheet HTML 2Page - Microsemi Corporation 2N6303 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC1062.PDF 05-25-99
2N6303
ELECTRICAL CHARACTERISTICS:
ELECTRICAL CHARACTERISTICS:
(25
°°Case Temperature Unless Otherwise Noted)
VALUE
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
Min.
Max.
Units
VCEO(sus)*
Collector-Emitter
Sustaining Voltage
IC = 20 mAdc, IB = 0 (Note 1)
- 80
----
Vdc
BVCBO*
Collector-Base
Breakdown Voltage
IC = 100 µµAdc, IE = 0
- 80
----
Vdc
BVEBO*
Emitter-Base Breakdown
Voltage
IE = 100 µµAdc, IC = 0
- 4.0
----
Vdc
ICEX*
Collector Cutoff Current
VCE = - 80V, VBE(off) = 2.0 Vdc
----
1.0
µµAdc
ICBO*
Collector Cutoff Current
VCB = - 80V, IE = 0, TC = 150°°C
----
150
µµAdc
hFE*
DC Current Gain
(Note 1)
IC = 500 mAdc, VCE = - 1.0 Vdc
IC = 1.5 Adc, VCE = - 2.0 Vdc
IC = 2.5 Adc, VCE = - 3.0 Vdc
IC = 3.0 Adc, VCE = - 5.0 Vdc
35
30
20
20
----
150
----
----
----
----
----
----
VCE(sat)*
Collector-Emitter
Saturation Voltage
(Note 1)
IC = 500 mAdc, IB = 50 mAdc
IC = 1.5 Adc, IB = 150 mAdc
IC = 2.5 Adc, IB = 250 mAdc
----
----
----
- 0.5
- 0.75
- 1.3
Vdc
Vdc
Vdc
VBE(sat)*
Base-Emitter Saturation
Voltage
(Note 1)
IC = 500 mAdc, IB = 50 mAdc
IC = 1.5 Adc, IB = 150 mAdc
IC = 2.5 Adc, IB = 250 mAdc
----
- 0.9
----
- 1.0
- 1.4
- 2.0
Vdc
Vdc
Vdc
fT*
Current Gain Bandwidth
Product (Note 2)
IC = 100 mAdc, VCE = - 5.0 Vdc, ftest = 20 MHz
60
----
MHz
Cob*
Output Capacitance
VCB = - 10 Vdc, IE = 0, f = 0.1 MHz
----
120
pF
Cib*
Input Capacitance
VEB = - 3.0 Vdc, IC = 0, f = 0.1 MHz
----
1000
pF
td
*
Delay Time
VCC = - 30 Vdc, VBE(off) = 0, IC =1.5 Adc,
IB1 = 150 mAdc
----
35
ns
tr
*
Rise Time
VCC = - 30 Vdc, VBE(off) = 0, IC =1.5 Adc,
IB1 = 150 mAdc
----
65
ns
ts*
Storage Time
VCC = - 30 Vdc, IC = 1.5 Adc, IB1 = IB2 =150 mAdc
----
325
ns
tf*
Fall Time
VCC = - 30 Vdc, IC = 1.5 Adc, IB1 = IB2 =150 mAdc
----
75
ns
Note 1: Pulse Test: Pulse Width
≤≤ 300µµs, Duty Cycle ≤≤ 2.0%.
Note 2: fT = |hfe| * ftest
* Indicates JEDEC registered data.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com