Electronic Components Datasheet Search
  English  ▼

X  

CHF5KP13 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CHF5KP13
Description  Patented Flip Chip Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CHF5KP13 Datasheet(HTML) 1 Page - Microsemi Corporation

  CHF5KP13 Datasheet HTML 1Page - Microsemi Corporation CHF5KP13 Datasheet HTML 2Page - Microsemi Corporation CHF5KP13 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC0997.PDF
ISO 9001 CERTIFIED
REV H 8/18/99
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
FEATURES
MAXIMUM RATINGS MECHANICAL
•
Unidirectional and bidirectional
• Max Junction Temperature: 1750C
•
Fully glass passivated
• Storage Temperature: -550C to +1750C
•
5000 watt (10/1000
µs)
• Flip Chip Peak Pulse Power: 5000 Watts (10/1000 µs)
•
Eliminates wire bonding
• Maximum non-repetitive peak power 5000 Watts
•
No overshoot
(10/1000
µs)
•
Provides optimum voltage clamping
• Total continuous power dissipation @ T
lead = 75
0C 10 W
• Turn-on time (theoretical) unidirectional 1X10-12
• Turn-on time (theoretical) bidirectional 1X10-9
MECHANICAL
PACKAGING
•
Weight: 0.8 grams (approximate)
• Waffle package
•
Cathode mark on top side
• 15 pieces per pack (STANDARD)
•
Metallization Cr - Ag - Au (Both Sides)
BIDIRECTIONAL ALL DIMENSIONS NOMINAL
FLIP CHIP DIMENSIONS
PAD SIZE & CIRCUIT
FLIP CHIP TVS DIODES
CHF5KP5.0
thru
CHF5KP110CA
Patented Flip Chip Series


Similar Part No. - CHF5KP13

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHF5225CAF BOURNS-CHF5225CAF Datasheet
191Kb / 1P
20 W Power RF Flanged Chip Termination
CHF5225CAF BOURNS-CHF5225CAF Datasheet
195Kb / 1P
20 W Power RF Flanged Chip Termination
CHF5225CAF500L BOURNS-CHF5225CAF500L Datasheet
191Kb / 1P
20 W Power RF Flanged Chip Termination
CHF5225CAF500L BOURNS-CHF5225CAF500L Datasheet
195Kb / 1P
20 W Power RF Flanged Chip Termination
CHF5225CAF BOURNS-CHF5225CAF_07 Datasheet
195Kb / 1P
20 W Power RF Flanged Chip Termination
More results

Similar Description - CHF5KP13

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CHF15KE68 MICROSEMI-CHF15KE68 Datasheet
262Kb / 3P
Patented Flip Chip Series
CHFP6KE50 MICROSEMI-CHFP6KE50 Datasheet
154Kb / 3P
Patented Flip-Chip Series
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5 Datasheet
239Kb / 5P
FLIP CHIP ARRAY
logo
List of Unclassifed Man...
P0406FC ETC-P0406FC Datasheet
117Kb / 6P
FLIP CHIP ARRAY
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
FLIP CHIP ARRAY
SFC05-4 PROTEC-SFC05-4_07 Datasheet
93Kb / 6P
FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5_07 Datasheet
94Kb / 6P
FLIP CHIP ARRAY
logo
Taoglas antenna solutio...
MA230LBC002 TAOGLAS-MA230LBC002 Datasheet
2Mb / 24P
SPECIFICATION PATENTED
TG308112W TAOGLAS-TG308112W Datasheet
1Mb / 20P
SPECIFICATION PATENTED
logo
NXP Semiconductors
MF0FCP2U1 NXP-MF0FCP2U1 Datasheet
66Kb / 5P
Flip chip package
Rev. 3.1-8 February 2007
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com