Electronic Components Datasheet Search
  English  ▼

X  

CHF5KP13 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # CHF5KP13
Description  Patented Flip Chip Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CHF5KP13 Datasheet(HTML) 2 Page - Microsemi Corporation

  CHF5KP13 Datasheet HTML 1Page - Microsemi Corporation CHF5KP13 Datasheet HTML 2Page - Microsemi Corporation CHF5KP13 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC0997.PDF
ISO 9001 CERTIFIED
REV H 8/18/99
CHF5KP5.0 thru CHF5KP110CA
UNIDIRECTIONAL ALL DIMENSIONS NOMINAL
FLIP CHIP DIMENSIONS
PAD SIZE & CIRCUIT
•
POWER DERATING
PEAK PULSE POWER Vs PULSE TIME
VBR 30V and above
VBR 30V and below



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com