Electronic Components Datasheet Search
  English  ▼

X  

CS8127 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS8127
Description  5V Linear Controller/Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8127 Datasheet(HTML) 2 Page - ON Semiconductor

  CS8127 Datasheet HTML 1Page - ON Semiconductor CS8127 Datasheet HTML 2Page - ON Semiconductor CS8127 Datasheet HTML 3Page - ON Semiconductor CS8127 Datasheet HTML 4Page - ON Semiconductor CS8127 Datasheet HTML 5Page - ON Semiconductor CS8127 Datasheet HTML 6Page - ON Semiconductor CS8127 Datasheet HTML 7Page - ON Semiconductor CS8127 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Note 1: Dependent on characteristics of external transistor.
Electrical Characteristics: TA = -40°C to +125°C, TJ = -40°C to +150°C, VIN = 6 to 26V, IOUT = 5 to 500mA, Per Test Circuit
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Power Dissipation.............................................................................................................................................Internally Limited
Input Voltage ..................................................................................................................................................................–0.3V, 26V
Transient Input Voltage ............................................................................................................................................................60V
Output Current ...............................................................................................................................................Externally Limited
ESD Susceptibility (Human Body Model)..............................................................................................................................2kV
Junction Temperature ............................................................................................................................................–45°C to 150°C
Storage Temperature..............................................................................................................................................–55°C to 150°C
Lead Temperature Soldering
Wave Solder (through hole styles only) .....................................................................................10 sec. max, 260°C peak
Reflow (SMD styles only) ......................................................................................60 sec. max above 183°C, 230°C peak
CDelay x VDTC
ICharge
Note 2: Delay Time =
= CDelay x 3.5 x 105 (Typical)
s Output Stage (VOUT)
Output Voltage
4.85
5.00
5.15
V
Dropout Voltage
IOUT = 500mA, note 1
0.1
0.6
V
Supply Current IQ
IOUT ≤ 10mA
4
8
mA
IOUT ≤ 500mA
5
15
IOUT ≤ 3A, note 1
30
Line Regulation
6V
≤ V
IN ≤ 26V, IOUT = 5mA
12
50
mV
Load Regulation
5V
≤ I
OUT ≤ 500mA, VIN = 14V
2
50
mV
Ripple Rejection
f = 120Hz, 7V
≤ V
IN ≤ 17V,
60
70
dB
IOUT = 350mA
VIN Overvoltage Shutdown
32
40
V
Drive Current
VSENSE = 6V
50
µA
VSENSE = 0V
25
250
mA
s
and Delay Functions
Delay Charge Current, ICharge
VDelay = 2V
5
10
15
µA
Threshold VRTH
VOUT Increasing
4.65
4.90
VOUT - 0.10
V
VRTL
VOUT Decreasing
4.50
4.70
VOUT - 0.15
V
Hysteresis VRH
150
200
250
mV
Delay Threshold
VDTC
Charge
3.25
3.50
3.75
V
VDTD
Discharge
2.80
3.00
3.40
V
Delay Hysteresis, VDH
VDTC - VDTD
200
400
800
mV
Output Voltage Low
1V < VOUT < VRTL, 3kΩ to VOUT
0.4
V
Output
VD > VDTC , VOUT >VRTH
10
µA
Leakage Current
Delay Capacitor (Vdis)
Discharge Latched "ON",
0.2
0.5
V
Discharge Voltage
VOUT > VRTH
Delay Time
CDelay = 0.1µF, note 2
16
32
48
ms
RESET
RESET
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com