Electronic Components Datasheet Search
  English  ▼

X  

CS8127 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8127
Description  5V Linear Controller/Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8127 Datasheet(HTML) 3 Page - ON Semiconductor

  CS8127 Datasheet HTML 1Page - ON Semiconductor CS8127 Datasheet HTML 2Page - ON Semiconductor CS8127 Datasheet HTML 3Page - ON Semiconductor CS8127 Datasheet HTML 4Page - ON Semiconductor CS8127 Datasheet HTML 5Page - ON Semiconductor CS8127 Datasheet HTML 6Page - ON Semiconductor CS8127 Datasheet HTML 7Page - ON Semiconductor CS8127 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Characteristics (per Test Circuit)
5.02
5.01
5
4.99
4.98
4.97
4.96
4.95
-40 -20 0
20 40 60 80 100120 140150
JUNCTION TEMPERATURE (
°C)
5.00V @ 25
°C
IOUT=500mA
0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
RESET OUTPUT CURRENT (mA)
Vin = 5V
0
5
10
15
20
25
30
35
40
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
0
1
2
3
4
567
8
9
10
VIN (V)
IOUT = 3A
ROUT = 47Ω
IOUT = 0.5A
ROUT = 330Ω
IQ vs. VIN
RESET Voltage vs. Output Current
Temperature Performance of VOUT
0
1
2
3
4
5
678
9
10
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
VIN (V)
IOUT=0.5A
IOUT= 3A
0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
250
300
350
400
IOUT (Amps)
ROUT = 47Ω
25
°C
20
18
16
14
12
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT(Amps)
VIN=14V
25
°C
Load Regulation vs. IOUT
Dropout Voltage vs. IOUT
VOUT vs. VIN
6V
≤VIN ≤- 26V
IOUT(Amps)
20
0
15
10
5
0
0.5
1.0
1.5
2.0
2.5
3.0
25
°C
40
35
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VIN=14V
IOUT (Amps)
25
°C
10
100
1K
10K
100K
FREQUENCY (Hz)
1M
10M
100M
0
10
20
30
40
50
60
70
80
IOUT=250mA
25
°C
Ripple Rejection
IQ vs. IOUT
Line Regulation vs. IOUT
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
8 Lead SO Narrow
1VIN
Unregulated supply voltage to the IC.
2
Sense
Kelvin connection which allows remote sensing of output volt-
age for improved regulation.
3
Delay
Timing CAP for
function.
4
CMOS/TTL compatible open collector output.
goes low
whenever VOUT drops below 6% of it's typical value.
5
Ref Gnd
Ground connection.
6
Pullup
Internal pullup transistor for VOUT. Also Sense pin for
overvoltage shutdown.
7
Pwr Gnd
Ground connection.
8VOUT
Supplies base current to PNP pass transistor or threshold volt-
age to FET pass transistor.
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com