Electronic Components Datasheet Search
  English  ▼

X  

S5530 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S5530
Description  SINGLE-SOCKET ATX SERVER PLATFORM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S5530 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S5530 Datasheet HTML 1Page - List of Unclassifed Manufacturers S5530 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
Europe
Sales: +32 2456 1721
Technical Support: +32 2456 1722
Specifications
TYAN Business Unit
MITAC INTERNATIONAL CORP.
S5530
S5530WGM5NR-LE-2T
(Specifications are subject to change without notice. Items pictured may only be representative.)
Block Diagram
Block Diagram
Onboard Aspeed AST2300
IPMI 2.0 compliant baseboard management
controller (BMC)
Supports storage over IP and remote platform-flash
USB 2.0 virtual hub
24-bit high quality v ideo compression
10/100 Mb/s MAC interf ace
BIOS
AMI / 16MB
Plug and Play (PnP) /PCI2.3 /Wf M2.0
/SMBIOS2.3 /PXE boot / ACPI 2.0 power
management /Power on mode af ter power
recov ery / User-conf igurable H/W monitoring
/ Auto-conf igurable of hard disk ty pes
ATX
12"x9.6" (305x243.8mm)
Operating System
Please ref er to our Intel OS supported list.
Class A
Yes
10° C ~ 35° C (50° F~ 95° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
90%, non-condensing at 35° C
Non-operating Relativ e Humidity : 10% to
95% (non-condensing)
RoHS
Yes
OS supported list
Feature
Brand / ROM size
Server
Management
Onboard Chipset
AST2300 IPMI Featur
AST2300 iKVM
Feature
Form Factor
Form Factor
Board Dimension
RoHS 6/6 Complaint
Regulation
FCC (DoC)
CE (DoC)
Operating
Environment
Operating Temp.
Non-operating Temp.
In/Non-operating
Humidity
USB 2.0
SATA4
SATA3
PCIE Gen2 x1
Intel i210
GbE Controller
RJ45
Jack
PCIE Gen3 x8
PCIE Gen2 x1
Smart Fan Controller
LSISAS2008
SAS/SATA Controller
IR3536 + IR3550
Max Power 95W
RGB
LPC Interface
PCIE Gen2 x1
PCIE Gen2 x4
USB 3.0
DDR3 1333/1600
PCIE Gen3 x8
FDI
SFP+ Conn.
SFP+ Conn.
DDR3 1333/1600
SATA Gen3 (6.0Gb/s)
SATA Gen2 (3.0Gb/s)
SATA2
Type A
SPI Flash ROM
SPI interface
DMI2 x4 Gen2
channel A
channel B
Intel Haswell
LGA 1150
(Socket H3)
BCM57810S
10G LAN Controller
Mini SAS Conn.
Mini SAS Conn.
PCIEx4 SLOT
Intel i210
GbE Controller
RJ45
Jack
SATA1
SATA6
SATA5
RJ45
Jack
Intel i217
PHY
ASpeed
BMC
AST2300
Voltage and Thermal senser
COM Port
COM
Rear
CRT
CON
TYAN Module pin
header
Rear
USB 3.0
USB 3.0
Intel
Lynx
Point PCH
(C222)
Rear
USB 2.0
Intel® Xeon® E3-1200 v3 & 4th Gen. Core i3
series processors
LGA 1150/ (1)
Max up to 95W
Intel® C222
-
(4) DIMM slots
Unbuf f ered ECC DDR3 1600/1333/1066
Up to 32GB
2 Channels
1.35V
(1) PCI-E Gen2 x4 slot
KGT20 / KGT62A
-
(2) GbE (1 port shared with IPMI)
Intel® I210
RJ45
(2) 10GbE (-2T SKU)
Broadcom® 57810S
SFP+
(1) GbE ports
Intel® I217
RJ45
Connector
(8) SAS
Controller
LSI SAS2008
Speed
6.0 Gb/s (2x mini-SAS connectors)
RAID
RAID 0/1/1E/10 (LSI® Integrated RAID)
Connector
(6) SATA
Controller
Intel® C222
Speed
(2) 6.0 Gb/s(blue color)
(4) 3.0 Gb/s(black color)
RAID
RAID 0/1/10/5 (Intel® RST)
D-Sub 15-pin
Aspeed AST2300
-
-
(2) USB3.0 ports (2 at rear)+(3) USB2.0 ports
(2 v ia cable, Ty pe-A)
(1) port (at rear) , (1) header
Audio
-
(1) D-Sub 15-pin VGA port
-
-
SSI 24-pin + 4-pin power connectors
(3) GbE ports
(1) port shared with IPMI
(2) Mini-SAS (4-in-1) connectors
(1) 2x12-pin SSI f ront panel header
(4) SATA-II and (2) SATA-III connectors
(2) 10GbE Ports (-2T SKU)
Onboard Aspeed AST2300
Monitors v oltage f or CPU, memory , chipset
& power supply
Total (5) 4-pin headers
Monitors temperature f or CPU & sy stem
env ironment
Voltage
Fan
Temperature
Chipset
System
Monitoring
LAN
Port Q'ty
Controller
SFP+
VGA
SAS
COM
Front Panel
Audio
Display Port
Power
Storage
Graphic
10GbE LAN
Memory voltage
SATA
Chipset
Version
PCI
Connector type
Chipset
Port Q'ty
Controller
Connector type
Chipset
PCI-E
Recommended TYAN
Chassis
Processor
Supported CPU
Series
Socket Type / Q'ty
Thermal Design
Power (TDP) wattage
Chipset / PCH
Super I/O
Expansion
Slots
Memory
Supported DIMM Qty
DIMM Type / Speed
Capacity
Memory channel
Input /Output
Port Q'ty
Controller
Connector type
PHY
Connector type
SATA
USB
SAS
DVI
RJ-45



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com