Electronic Components Datasheet Search
  English  ▼

X  

S5530 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S5530
Description  SINGLE-SOCKET ATX SERVER PLATFORM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S5530 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S5530 Datasheet HTML 1Page - List of Unclassifed Manufacturers S5530 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 Single LGA1150 socket supports (1) Intel® Xeon® E3-1200 v3 &
4th Gen. Core i3 series processors
 Intel® Lynx Point C222
 (4) 240-pin DDR3 DIMM slots support up to 32GB U-DDR3
1600/1333/1066 w/ECC
 (1) PCI-E Gen2 x4
 (4) SATA ports running at 3.0 Gb/s
 (2) SATA ports running at 6.0 Gb/s
 (8) SATA/SAS ports by (2) mini-SAS connectors running at 6.0Gb/s
 (2) GbE RJ45 (via Intel® I210)
(2) 10 GbE SFP+ (Via Broadcom 57810S) (-2T SKU)
(1) GbE PHY (via Intel® I217 dedicated for IPMI)
(S5530WGM5NR-LE-2T SKU)
 ATX (12" x 9.6", 305mm x 243.8mm)
Intel® C222 Chipset
Low-cost single server storage and
virtualization
S5530
S5530WGM5NR-LE-2T
Specifications are subject to change without notice. Items pictured may only be representative.
SINGLE-SOCKET
ATX SERVER
PLATFORM


Similar Part No. - S5530

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S553-0013-00 BEL-S553-0013-00 Datasheet
78Kb / 1P
SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
S553-0013-00 BEL-S553-0013-00 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-0013-00 BEL-S553-0013-00_1 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
S553-0013-01 BEL-S553-0013-01 Datasheet
78Kb / 1P
SURFACE MOUNT T1 CARRIER INTERFACE TRANSFORMERS T1/CEPT Telecom Line Interface Applications
S553-0013-01 BEL-S553-0013-01 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/CEPT Dual Line Interface Transformers
More results

Similar Description - S5530

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S5512 ETC2-S5512 Datasheet
797Kb / 2P
SINGLE-SOCKET ATX SERVER / WORKSTATION PLATFORM
S5532 ETC2-S5532 Datasheet
782Kb / 2P
SINGLE SOCKET ATX SERVER/ PLATFORM
GT62A-B5512 ETC2-GT62A-B5512 Datasheet
1Mb / 2P
Single-socket server platform for Rack Optimization, Server Storage applications
S5533 ETC2-S5533 Datasheet
739Kb / 2P
Single-socket Server Platform
S7017 ETC2-S7017 Datasheet
1Mb / 2P
Dual-socket HPC server platform
S7018 ETC2-S7018 Datasheet
1Mb / 2P
Dual-socket HPC server platform
S7020 ETC2-S7020 Datasheet
1Mb / 2P
Dual-socket server,workstation platform
S7025 ETC2-S7025 Datasheet
1,023Kb / 2P
Dual-socket server/ workstation platform
S7042 ETC2-S7042 Datasheet
858Kb / 2P
Dual-socket server platform
S7050 ETC2-S7050 Datasheet
816Kb / 2P
High-end dual-socket server platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com