Electronic Components Datasheet Search
  English  ▼

X  

XL2012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XL2012
Description  5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL2012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XL2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Datasheet
5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
XL2012
Rev 1.0
www.xlsemi.com
2
Pin Configurations
Figure2. Pin Configuration of XL2012 (Top View)
Table 1 Pin Description
Pin Number
Pin Name
Description
1
FB
Feedback Pin (FB). The feedback threshold voltage is 5V.
2
NC
No Connected.
3
VC
Internal Voltage Regulator Bypass Capacity. In typical system
application, The VC pin connect a 1uf capacity to VIN.
4
VIN
Supply Voltage Input Pin. XL2012 operates from 8V to 40V
DC voltage. Bypass Vin to GND with a suitably large
capacitor to eliminate noise on the input.
5,6
SW
Power Switch Output Pin (SW). SW is the switch node that
supplies power to the output.
7,8
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the schottky diode to output capacitor ground
path to prevent switching current spikes from inducing voltage
noise into XL2012.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com