Electronic Components Datasheet Search
  English  ▼

X  

XL2012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XL2012
Description  5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL2012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XL2012 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL2012 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
XL2012
Rev 1.0
www.xlsemi.com
1
Features
n Wide 8V to 40V input voltage range.
n Fixed 5V output voltage.
n Maximum 2.4A output current.
n Fixed 150KHz switching frequency.
n Internal optimize power MOSFET.
n High efficiency up to 92%.
n Built in output short shutdown function.
n Excellent line and load regulation.
n Built in thermal shutdown function.
n Built in current limit function.
n Available in SOIC-8 package.
Applications
n Car Charger.
n Battery Charger.
n USB Power Supply.
General Description
The XL2012 is a 150 KHz fixed frequency
PWM buck (step-down) DC/DC converter,
capable of driving a 2.4A load with high
efficiency, low ripple and excellent line and
load regulation. Requiring a minimum
number of external components, the regulator
is simple to use and include internal
frequency
compensation
and
a
fixed-frequency oscillator.
The XL2012 built in output short protection
function. When short protection function
happens, the chip will be shutdown. An
internal compensation block is built in to
minimize external component count.
Figure1. Package Type of XL2012


Similar Part No. - XL2012

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2012 XLSEMI-XL2012 Datasheet
187Kb / 9P
5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
XL2012E1 XLSEMI-XL2012E1 Datasheet
187Kb / 9P
5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
More results

Similar Description - XL2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL2001 ETC2-XL2001 Datasheet
242Kb / 9P
5V/1.8A 150KHz 45V Buck DC to DC Converter For USB Interface
XL2011 ETC2-XL2011 Datasheet
241Kb / 9P
5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
XL2013 ETC2-XL2013 Datasheet
329Kb / 9P
5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
logo
XLSEMI
XL2011 XLSEMI-XL2011 Datasheet
186Kb / 9P
5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
XL2012 XLSEMI-XL2012 Datasheet
187Kb / 9P
5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface
XL2013 XLSEMI-XL2013 Datasheet
329Kb / 9P
5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
logo
Shenzhen Huazhimei Semi...
HM3513 HMSEMI-HM3513 Datasheet
704Kb / 9P
5V/3.2A 150KHz 40V Buck DC to DC Converter For USB Interface
HM3512 HMSEMI-HM3512 Datasheet
587Kb / 9P
5V/2.4A 150KHz 40V Buck DC to DC Converter For USB Interface HM3512
HM3511 HMSEMI-HM3511 Datasheet
581Kb / 9P
5V/2.1A 150KHz 45V Buck DC to DC Converter For USB Interface
HM3501 HMSEMI-HM3501 Datasheet
563Kb / 9P
5V/1.8A 150KHz 45V Buck DC to DC Converter For USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com